Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSF-2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SSF-2
Description  SINGLE SIDEBAND MODULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSF-2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SSF-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSF-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTES:
1. Tolerance on 3 place decimals
±.010(.25) except as noted.
2. Dimensions in inches over millimeters.
3. Dimensions marked with * apply only at body.
4. All unmarked pins are case ground.
5. Nominal Weight: 0.55 oz (15.4 g)
L- Package Outline
F-Package Outline
NOTES:
1. Tolerance on 3 place decimals
±.010(.25) except as noted.
2. Dimensions in inches over millimeters.
3. Dimensions marked with * apply only at body.
4. All unmarked pins are case ground.
SSF-2L series
SSF-2 Series
SINGLE SIDEBAND MODULATOR
10 to 4000 MHz / Image Rejection to 30 dB / Internal Second Quad / High Sideband Rejection
Forfurtheri
nformati
oncontact
M ERRIM AC /41 Fairfield Pl.,W estCaldw ell,NJ,07006 /973-575-1300 /FAX 973-575-0531
General Notes (Continued)
5. From a practical standpoint, there are may considerations affecting sideband suppression, such as the phase and amplitude balances of the individual
components chosen, mixer sensitivity, VSWR interaction, bandwidth, etc.
6. The most useful guide to how much signal rejection may be expected for a given phase error and amplitude balance is shown in the graph. These
curves allow determination of the trade-off between the allowable phase and amplitude errors for a desired image rejection ratio.
7. Merrimac offers a wide range of Single Sideband Modulators to a variety of specifications. The parameters quoted for the SSF series are a basis only
for more exacting requirements. The the minimum image rejection and package size will be impacted most by an increase in bandwidth requirements.
8. Merrimac Single Sideband Modulators comply with applicable portions of MIL-M-28837 and can be supplied screened for additional specifications you
specify for military and aerospace applications requiring higher reliability.
29Apr96



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com