Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSF-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SSF-2
Description  SINGLE SIDEBAND MODULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSF-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SSF-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSF-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ampl.
Balance
0 dB
0.25
0.5
0.75
1.0
2.0 dB
General Notes:
1. Single Sideband Modulators are integrated
networks composed of an in-phase power
divider, two double balanced mixers and two
90°quadrature hybrids. The primary function of
the circuit is to amplitude modulate a carrier such
that all the energy is in either the upper or lower
sideband.
2. These units are especially useful in modulator
applications where the desired and undesired RF
sidebands are so close in frequency that it is not
practical to use a bandpass filter to separate
them or where minimum group delay is required.
3. By vector subtraction, the undesired sideband
is canceled within the unit (internally terminated)
and the desired sideband is reinforced at the
output. The level of cancellation is usually
expressed as sideband rejection ratio in dB.
4. The schematic diagram shows how the
desired receiver signals from the two mixers are
combined in-phase at the real (RF/LO) port,
while the undesired spurious signals cancel each
other out. At the image port the reverse occurs
and the unwanted sideband signal is absorbed
by the load resistor. (Continued, next page)
SIDEBAND REJECTION
Phase Error (degrees)
for a given Amplitude and Phase Balance
0
0.5
1
1.5
2
2.5
3
50
45
40
35
30
25
20
15
Image
Rejection
Ratio
PRINCIPAL SPECIFICATIONS
Model
LO Center
Bandwidth,
Outline
Number
Frequency, fo
MHz
Style
SSF-2F-***/
10 - 1000 MHz
10% of fo
F
SSF-2L****/ 1000 - 4000 MHz
10% of fo
L
A complete Model Number will be assigned with center frequency (***=fo)
and slash number, once a full specification is established with factory.
SINGLE SIDEBAND MODULATOR
SSF-2 Series
10 to 4000 MHz / Image Rejection to 30 dB / Internal Second Quad / High Sideband Rejection
Forfurtheri
nformati
oncontact
M ERRIM AC /41 Fairfield Pl.,W estCaldw ell,NJ,07006 /973-575-1300 /FAX 973-575-0531
26Mar96
GENERAL SPECIFICATIONS
(when used as an Up Converter)
RF/IF Input Characteristics
Impedance:
50
Ω nom.
VSWR:
1.5:1 max.
RF Power Level:
+10 dBm
IF Power Level:
0 dBm nom.
IF Bandwidth:
up to an octave
RF Bandwidth:
10%
Output Characteristics
Conversion Loss:
9 dB max.
Sideband Suppression:
25 dB min.
Operating Temperature:
-- 55 to +85°C


Similar Part No. - SSF-2

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
SSF-21T-P1.4 JST-SSF-21T-P1.4 Datasheet
177Kb / 3P
SL CONNECTOR 3.96mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
Merrimac Industries, In...
SSF-2F-10 MERRIMAC-SSF-2F-10 Datasheet
95Kb / 2P
SINGLE SIDEBAND MODULATOR
SSF-2F-1000 MERRIMAC-SSF-2F-1000 Datasheet
95Kb / 2P
SINGLE SIDEBAND MODULATOR
SSF-2L-1000 MERRIMAC-SSF-2L-1000 Datasheet
95Kb / 2P
SINGLE SIDEBAND MODULATOR
SSF-2L-4000 MERRIMAC-SSF-2L-4000 Datasheet
95Kb / 2P
SINGLE SIDEBAND MODULATOR
More results

Similar Description - SSF-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSB-0218 ETC2-SSB-0218 Datasheet
123Kb / 2P
SINGLE-SIDEBAND DOUBLE-BALANCED MIXERS
logo
Anaren Microwave
90337-DC ANAREN-90337-DC Datasheet
155Kb / 1P
Modulators Single Sideband
logo
List of Unclassifed Man...
SM0218LC1CD ETC2-SM0218LC1CD Datasheet
192Kb / 2P
2 TO 18 GHz SINGLE-SIDEBAND UPCONVERTER OR I/Q MODULATOR
logo
Merrimac Industries, In...
SSF-1E-10B MERRIMAC-SSF-1E-10B Datasheet
78Kb / 1P
SINGLE SIDEBAND MODULATORS
SSF-2F-10 MERRIMAC-SSF-2F-10 Datasheet
95Kb / 2P
SINGLE SIDEBAND MODULATOR
SSM-2B-1000 MERRIMAC-SSM-2B-1000 Datasheet
101Kb / 1P
SINGLE SIDEBAND MODULATORS
SSP-1R-10B MERRIMAC-SSP-1R-10B Datasheet
80Kb / 1P
SINGLE SIDEBAND MODULATORS
SSP-2S-10 MERRIMAC-SSP-2S-10 Datasheet
137Kb / 2P
SINGLE SIDEBAND MODULATORS
logo
American Accurate Compo...
JXWBHP-SM124 AAC-JXWBHP-SM124 Datasheet
46Kb / 1P
Broandband Sideband Mixer (Modulator) 1 to 18GHz
logo
Marki Microwave
SSB-0618 MARKIMICROWAVE-SSB-0618 Datasheet
139Kb / 2P
SINGLE-SIDEBAND DOUBLE-BALANCED MIXERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com