Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATS660LSB Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS660LSB
Description  True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS660LSB Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS660LSB_06 Datasheet HTML 1Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 2Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 3Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 4Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 5Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 6Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 7Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 8Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ATS660LSB
TRUE ZERO-SPEED,
HALL-EFFECT ADAPTIVE
GEAR-TOOTH SENSOR
www.allegromicro.com
3
ELECTRICAL CHARACTERISTICS at V
CC =
V
OUT = 12 V and TA = +25°C (unless otherwise
noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
V
CC
Operating, T
J < 165°C
4.5
12
24
V
Power-On State
POS
V
CC = 0 ¡ 5 V
HIGH* HIGH* HIGH*
Under-Voltage Lockout
V
CC(UV)
V
CC = 0 ¡ 5 V
4.1
4.2
4.3
V
Low Output Voltage
V
OUT(SAT)
I
OUT = 20 mA
0.2
0.4V
Output Current Limit
I
OUTM
25
45
55
mA
Output LeakageCurrent
I
OFF
V
OUT = 24 V
0.2
10
µA
Supply Current
I
CC
Output off
3.5
7.0
12
mA
Output on
5.0
8.5
14mA
Output Rise Time
I
r
R
L = 500 Ω, CL = 10 pF
0.2
5.0
µs
Output Fall Time
I
f
R
L = 500 Ω, CL = 10 pF
0.2
5.0
µs
Power-On Time
t
on
Reference gear, <100 rpm
200
µs
Zener Voltage
V
Z
I
ZT = TBD
32
V
* Output transistor is OFF (high logic level).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com