Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATS660LSB Datasheet(PDF) 14 Page - Allegro MicroSystems

Part # ATS660LSB
Description  True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS660LSB Datasheet(HTML) 14 Page - Allegro MicroSystems

Back Button ATS660LSB_06 Datasheet HTML 9Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 10Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 11Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 12Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 13Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 14Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 15Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 16Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 17Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ATS660LSB
TRUE ZERO-SPEED,
HALL-EFFECT ADAPTIVE
GEAR-TOOTH SENSOR
www.allegromicro.com
13
MECHANICAL INFORMATION
Component
Material
Function
Units
Sensor Face
Thermoset epoxy
Maximum temperature
170
°C*
Plastic Housing
Thermoplastic PBT
264 psi deflection temp. (DTUL)
204
°C
66 psi deflection temp. (DTUL)
216
°C
Approximate melting temperature
225
°C
Leads
Copper
Lead Finish
90/10 tin/lead solder plate
Lead Pull
8 N
*Temperature excursions to 225
°C for 2 minutes or less are permitted.
† All industry-accepted soldering techniques are permitted for these modules provided the indicated maximum tempera-
ture for each component (e.g., sensor face, plastic housing) is not exceeded. Reasonable dwell times, which do not cause
melting of the plastic housing, should be used.
Sensor location (in millimeters)
(sensor location relative to package center is the design objective)
Lead cross section (in millimeters)
0.41
NOM.
0.38
NOM.
0.0076
MIN. PLATING
THICKNESS
Dwg. MH-019A mm
0.48
0.36
0.44
0.35
Dwg. MH-018-4 mm
A
2.2 mm
Allegro



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com