Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NAND16GAH0D Datasheet(PDF) 77 Page - Numonyx B.V

Part # NAND16GAH0D
Description  1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND16GAH0D Datasheet(HTML) 77 Page - Numonyx B.V

Back Button NAND16GAH0D Datasheet HTML 73Page - Numonyx B.V NAND16GAH0D Datasheet HTML 74Page - Numonyx B.V NAND16GAH0D Datasheet HTML 75Page - Numonyx B.V NAND16GAH0D Datasheet HTML 76Page - Numonyx B.V NAND16GAH0D Datasheet HTML 77Page - Numonyx B.V NAND16GAH0D Datasheet HTML 78Page - Numonyx B.V NAND16GAH0D Datasheet HTML 79Page - Numonyx B.V NAND16GAH0D Datasheet HTML 80Page - Numonyx B.V NAND16GAH0D Datasheet HTML 81Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 116 page
background image
NAND08GAH0A, NAND16GAH0D
Timings
77/116
9.1.4
R1b responses
Some commands, like CMD6, may assert the busy flag and send back a R1 response. If the
busy flag is asserted, this is done two clock cycles after the end bit of the command.
The DAT0 line is driven Low, DAT1-DAT7 lines are driven by the device though their values
are not relevant.
Figure 16.
R1b response timing diagram
9.1.5
Last device response to Next Host command
After receiving the last device response, the host can start the next command transmission
after a minimum delay of is NCR clock cycles.
The timing diagram shown on Figure 17 applies to all host commands.
Figure 17.
Last device response to Next Host command timing diagram
9.1.6
Last Host command to Next Host command
After the last command has been sent, the host can continue issuing the next command. A
minimum delay of NCC clock periods must be respected between the two commands.
If the device has not responded to the ALL_SEND_CID command after NID+1 clock
periods, the host can conclude that no devices are present on the bus.
See Figure 18 for a description of the timing diagram.
Figure 18.
Command n end to CMD n+1 start timing diagram (all modes)
AI13197
Host Command
N
ST
* * * * * * * * * * * * * * * * *
Card busy
ST
CRC E ZZ
Z
Z
Content
CMD
Z Z Z Z
Z
Z
Z
* * * * * * * * * * * * * * * * *
ZZ
Z Z
Z
Z
Z
DAT0
ZZ Z Z
E
DAT1-7
ZZ
ZZ S L
* * * * * * * * * * * * * * * * *
ZZ
Z Z
Z
Z
Z
ZZ Z Z
X
ZZ
ZZ X
AI13198
Host Command
N
RCCycles
* * * * * * * *
ST
CRC E Z
Z ST
Content
Content
CMD
CRC E
Response
ZZ
AI13199
Host Command
N
CCCycles
* * * * * * * *
ST
CRC E Z
Z ST
Content
Content
CMD
CRC E
Host Command
Z
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com