Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NAND16GAH0D Datasheet(PDF) 21 Page - Numonyx B.V

Part # NAND16GAH0D
Description  1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND16GAH0D Datasheet(HTML) 21 Page - Numonyx B.V

Back Button NAND16GAH0D Datasheet HTML 17Page - Numonyx B.V NAND16GAH0D Datasheet HTML 18Page - Numonyx B.V NAND16GAH0D Datasheet HTML 19Page - Numonyx B.V NAND16GAH0D Datasheet HTML 20Page - Numonyx B.V NAND16GAH0D Datasheet HTML 21Page - Numonyx B.V NAND16GAH0D Datasheet HTML 22Page - Numonyx B.V NAND16GAH0D Datasheet HTML 23Page - Numonyx B.V NAND16GAH0D Datasheet HTML 24Page - Numonyx B.V NAND16GAH0D Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
NAND08GAH0A, NAND16GAH0D
MultiMediaCard interface
21/116
4.4
Electrical specifications
Table 6 defines the bus operating conditions for the device.
The total capacitance CL of each line of the bus is given by the below equation:
where CHOST is the bus master capacitance, CBUS the bus capacitance itself and CCARD the
capacitance of the device connected to this line. The sum of the host and bus capacitance,
CHOST+CBUS, must not to exceed 20 pF.
As the bus can be supplied with a variable supply voltage, all bus signal levels are related to
the supply voltage (see Figure 8, Table 7, and Table 8).
C
L
C
HOST
C
BUS
C
CARD
++
=
Table 6.
Bus operating conditions(1)(2)
Symbol
Parameter
Min
Max
Unit
Peak voltage on all lines
−0.5
3.6
V
Input leakage current on all inputs (before initialization sequence and/or
internal pull up resistors connected)(3)
−100
100
µA
Input leakage current on all inputs (after initialization sequence and/or internal
pull up resistors connected)(3)
−10
10
µA
Output leakage current on all outputs (before initialization sequence)
−100
100
µA
Output leakage current on all outputs (after initialization sequence)
−10
10
µA
VCCQ
Low supply-voltage range (MultiMediaCard v. 4.1)
1.65
1.95
V
High supply-voltage range
2.7
3.6
VCC
Input/output supply voltage
2.7
3.6
V
VSS
Supply voltage ground
−0.5
0.5
V
RDAT
Pull-up resistance (to prevent bus floating)
50
100
k
Ω
RCMD
Pull-up resistance (to prevent bus floating)
4.7
100
k
Ω
RINT
Internal pull up resistance DAT1-DAT7 (to prevent unconnected line floating)
50
150
k
Ω
R4
Load resistance on VCC line after power-up or hot insertion
330
Ω
C4
Load capacitance on VCC line after power-up or hot insertion
10
µF
CL
Bus signal line capacitance
30
pF
CCARD
Single card capacitance
7
pF
C1
Load capacitance on CMD input
TBD
TBD
pF
C2
Load capacitance on DAT input
TBD
TBD
pF
C3
Load capacitance on CLK input
TBD
TBD
pF
C5
Decoupling capacitance on VCCI input
1
pF
Maximum signal line inductance (fPP ≤52 MHz)
16
nH
1.
The current consumption of the device for the different configurations is defined in the POWER_CLASS field of the
EXT_CSD register (see Section 8.4).
2.
TBD stands for ‘to be defined’.
3.
See Section 4.3: Power-up and power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com