Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811 Datasheet(PDF) 141 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 141 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 137Page - Texas Instruments TMS320F2811 Datasheet HTML 138Page - Texas Instruments TMS320F2811 Datasheet HTML 139Page - Texas Instruments TMS320F2811 Datasheet HTML 140Page - Texas Instruments TMS320F2811 Datasheet HTML 141Page - Texas Instruments TMS320F2811 Datasheet HTML 142Page - Texas Instruments TMS320F2811 Datasheet HTML 143Page - Texas Instruments TMS320F2811 Datasheet HTML 144Page - Texas Instruments TMS320F2811 Datasheet HTML 145Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 173 page
background image
Electrical Specifications
140
April 2001 − Revised July 2007
SPRS174O
6.31
On-Chip Analog-to-Digital Converter
6.31.1
ADC Absolute Maximum Ratings†
Supply voltage range,
VSSA1/VSSA2 to VDDA1/VDDA2/AVDDREFBG
−0.3 V to 4.6 V
. . . . . . . . . . . . . . .
VSS1 to VDD1
−0.3 V to 2.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog Input (ADCIN) Clamp Current, total (max)
± 20 mA‡
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Unless otherwise noted, the list of absolute maximum ratings are specified over operating conditions. Stresses beyond those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.
‡ The analog inputs have an internal clamping circuit that clamps the voltage to a diode drop above VDDA or below VSS. The continuous clamp
current per pin is
± 2 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com