Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811 Datasheet(PDF) 142 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 142 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 138Page - Texas Instruments TMS320F2811 Datasheet HTML 139Page - Texas Instruments TMS320F2811 Datasheet HTML 140Page - Texas Instruments TMS320F2811 Datasheet HTML 141Page - Texas Instruments TMS320F2811 Datasheet HTML 142Page - Texas Instruments TMS320F2811 Datasheet HTML 143Page - Texas Instruments TMS320F2811 Datasheet HTML 144Page - Texas Instruments TMS320F2811 Datasheet HTML 145Page - Texas Instruments TMS320F2811 Datasheet HTML 146Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 173 page
background image
Electrical Specifications
141
April 2001 − Revised July 2007
SPRS174O
6.31.2
ADC Electrical Characteristics Over Recommended Operating Conditions
Table 6−42. DC Specifications (See Note 1)
PARAMETER
MIN
TYP
MAX
UNIT
Resolution
12
Bits
ADC clock (See Note 2)
1
kHz
ADC clock (See Note 2)
25
MHz
ACCURACY
INL (Integral nonlinearity) (See Note 3)
1−18.75 MHz ADC clock
±1.5
LSB
DNL (Differential nonlinearity) (See Note 3)
1−18.75 MHz ADC clock
±1
LSB
Offset error (See Note 4)
−80
80
LSB
Overall gain error with internal reference
F281x
−200
200
LSB
Overall gain error with internal reference
(See Note 5)
C281x
−80
80
LSB
Overall gain error with external reference
(See Note 6)
If ADCREFP−ADCREFM = 1 V
±0.1%
−50
50
LSB
Channel-to-channel offset variation
±8
LSB
Channel-to-channel Gain variation
±8
LSB
ANALOG INPUT
Analog input voltage (ADCINx to ADCLO)
(See Note 7)
0
3
V
ADCLO
−5
0
5
mV
Input capacitance
10
pF
Input leakage current
3
±5
µA
INTERNAL VOLTAGE REFERENCE
(See Note 5)
Accuracy, ADCVREFP
1.9
2
2.1
V
Accuracy, ADCVREFM
0.95
1
1.05
V
Voltage difference, ADCREFP − ADCREFM
1
V
Temperature coefficient
50
PPM/
°C
Reference noise
100
µV
EXTERNAL VOLTAGE REFERENCE (See Note 6)
Accuracy, ADCVREFP
1.9
2
2.1
V
Accuracy, ADCVREFM
0.95
1
1.05
V
Input voltage difference, ADCREFP − ADCREFM
0.99
1
1.01
V
NOTES:
1. Tested at 12.5-MHz ADCCLK
2. If SYSCLKOUT
≤ 25 MHz, ADC clock ≤ SYSCLKOUT/2
3. The INL degrades for frequencies beyond 18.75 MHz − 25 MHz. Applications that require these sampling rates should use a
20K-resistor as bias resistor on the ADCRESEXT pin. This improves overall linearity and typical current drawn by the ADC will
be a few mA more than 24.9 k
Ω bias. The ADC module in C281x devices can operate at 24.9k bias on ADCRESEXT pin for the
full range 1−25MHz
4. 1 LSB has the weighted value of 3.0/4096 = 0.732 mV.
5. A single internal band gap reference (
±5% accuracy) sources both ADCREFP and ADCREFM signals, and hence, these voltages
track together. The ADC converter uses the difference between these two as its reference. The total gain error will be the
combination of the gain error shown here and the voltage reference accuracy (ADCREFP − ADCREFM). A software-based
calibration procedure is recommended for better accuracy. See F2812 ADC Calibration Application Note (literature number
SPRA989) and Section 5.2, Documentation Support, for relevant documents.
6. In this mode, the accuracy of external reference is critical for overall gain. The voltage difference (ADCREFP−ADCREFM) will
determine the overall accuracy.
7. Voltages above VDDA + 0.3 V or below VSS − 0.3 V applied to an analog input pin may temporarily affect the conversion of another
pin. To avoid this, the analog inputs should be kept within these limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com