Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811 Datasheet(PDF) 149 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 149 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 145Page - Texas Instruments TMS320F2811 Datasheet HTML 146Page - Texas Instruments TMS320F2811 Datasheet HTML 147Page - Texas Instruments TMS320F2811 Datasheet HTML 148Page - Texas Instruments TMS320F2811 Datasheet HTML 149Page - Texas Instruments TMS320F2811 Datasheet HTML 150Page - Texas Instruments TMS320F2811 Datasheet HTML 151Page - Texas Instruments TMS320F2811 Datasheet HTML 152Page - Texas Instruments TMS320F2811 Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 173 page
background image
Electrical Specifications
148
April 2001 − Revised July 2007
SPRS174O
6.32
Multichannel Buffered Serial Port (McBSP) Timing
6.32.1
McBSP Transmit and Receive Timing
Table 6−47. McBSP Timing Requirements†‡
NO.
MIN
MAX
UNIT
McBSP module clock (CLKG, CLKX, CLKR) range
1
kHz
McBSP module clock (CLKG, CLKX, CLKR) range
20§
MHz
McBSP module cycle time (CLKG, CLKX, CLKR) range
50
ns
McBSP module cycle time (CLKG, CLKX, CLKR) range
1
ms
M11
tc(CKRX)
Cycle time, CLKR/X
CLKR/X ext
2P
ns
M12
tw(CKRX)
Pulse duration, CLKR/X high or CLKR/X low
CLKR/X ext
P−7
ns
M13
tr(CKRX)
Rise time, CLKR/X
CLKR/X ext
7
ns
M14
tf(CKRX)
Fall time, CLKR/X
CLKR/X ext
7
ns
M15
tsu(FRH-CKRL)
Setup time, external FSR high before CLKR low
CLKR int
18
ns
M15
tsu(FRH-CKRL)
Setup time, external FSR high before CLKR low
CLKR ext
2
ns
M16
th(CKRL-FRH)
Hold time, external FSR high after CLKR low
CLKR int
0
ns
M16
th(CKRL-FRH)
Hold time, external FSR high after CLKR low
CLKR ext
6
ns
M17
tsu(DRV-CKRL)
Setup time, DR valid before CLKR low
CLKR int
18
ns
M17
tsu(DRV-CKRL)
Setup time, DR valid before CLKR low
CLKR ext
2
ns
M18
th(CKRL-DRV)
Hold time, DR valid after CLKR low
CLKR int
0
ns
M18
th(CKRL-DRV)
Hold time, DR valid after CLKR low
CLKR ext
6
ns
M19
tsu(FXH-CKXL)
Setup time, external FSX high before CLKX low
CLKX int
18
ns
M19
tsu(FXH-CKXL)
Setup time, external FSX high before CLKX low
CLKX ext
2
ns
M20
th(CKXL-FXH)
Hold time, external FSX high after CLKX low
CLKX int
0
ns
M20
th(CKXL-FXH)
Hold time, external FSX high after CLKX low
CLKX ext
6
ns
† Polarity bits CLKRP = CLKXP = FSRP = FSXP = 0. If the polarity of any of the signals is inverted, then the timing references of that signal are
also inverted.
‡ 2P = 1/CLKG in ns. CLKG is the output of sample rate generator mux. CLKG =
CLKSRG
(1
) CLKGDV)
.
CLKSRG can be LSPCLK, CLKX, CLKR as source. CLKSRG
≤ (SYSCLKOUT/2). McBSP performance is limited by I/O buffer switching speed.
§ Internal clock prescalers must be adjusted such that the McBSP clock (CLKG, CLKX, CLKR) speeds are not greater than the I/O buffer speed
limit (20 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com