Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811 Datasheet(PDF) 150 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 150 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 146Page - Texas Instruments TMS320F2811 Datasheet HTML 147Page - Texas Instruments TMS320F2811 Datasheet HTML 148Page - Texas Instruments TMS320F2811 Datasheet HTML 149Page - Texas Instruments TMS320F2811 Datasheet HTML 150Page - Texas Instruments TMS320F2811 Datasheet HTML 151Page - Texas Instruments TMS320F2811 Datasheet HTML 152Page - Texas Instruments TMS320F2811 Datasheet HTML 153Page - Texas Instruments TMS320F2811 Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 173 page
background image
Electrical Specifications
149
April 2001 − Revised July 2007
SPRS174O
Table 6−48. McBSP Switching Characteristics†‡
NO.
PARAMETER
MIN
MAX
UNIT
M1
tc(CKRX)
Cycle time, CLKR/X
CLKR/X int
2P
ns
M2
tw(CKRXH)
Pulse duration, CLKR/X high
CLKR/X int
D−5§
D+5§
ns
M3
tw(CKRXL)
Pulse duration, CLKR/X low
CLKR/X int
C−5§
C+5§
ns
M4
td(CKRH-FRV)
Delay time, CLKR high to internal FSR valid
CLKR int
0
4
ns
M4
td(CKRH-FRV)
Delay time, CLKR high to internal FSR valid
CLKR ext
3
27
ns
M5
td(CKXH-FXV)
Delay time, CLKX high to internal FSX valid
CLKX int
0
4
ns
M5
td(CKXH-FXV)
Delay time, CLKX high to internal FSX valid
CLKX ext
3
27
ns
M6
tdis(CKXH-DXHZ)
Disable time, CLKX high to DX high impedance
CLKX int
8
ns
M6
tdis(CKXH-DXHZ)
Disable time, CLKX high to DX high impedance
following last data bit
CLKX ext
14
ns
Delay time, CLKX high to DX valid.
CLKX int
9
Delay time, CLKX high to DX valid.
This applies to all bits except the first bit transmitted.
CLKX ext
28
M7
t
DXENA = 0
CLKX int
8
ns
M7
td(CKXH-DXV)
Delay time, CLKX high to DX valid
DXENA = 0
CLKX ext
14
ns
Only applies to first bit transmitted when in Data
DXENA = 1
CLKX int
P + 8
Only applies to first bit transmitted when in Data
Delay 1 or 2 (XDATDLY=01b or 10b) modes
DXENA = 1
CLKX ext
P + 14
DXENA = 0
CLKX int
0
M8
ten(CKXH-DX)
Enable time, CLKX high to DX driven
DXENA = 0
CLKX ext
6
ns
M8
ten(CKXH-DX)
Only applies to first bit transmitted when in Data
DXENA = 1
CLKX int
P
ns
Only applies to first bit transmitted when in Data
Delay 1 or 2 (XDATDLY=01b or 10b) modes
DXENA = 1
CLKX ext
P + 6
DXENA = 0
FSX int
8
M9
td(FXH-DXV)
Delay time, FSX high to DX valid
DXENA = 0
FSX ext
14
ns
M9
td(FXH-DXV)
Only applies to first bit transmitted when in Data
DXENA = 1
FSX int
P + 8
ns
Only applies to first bit transmitted when in Data
Delay 0 (XDATDLY=00b) mode.
DXENA = 1
FSX ext
P + 14
DXENA = 0
FSX int
0
M10
ten(FXH-DX)
Enable time, FSX high to DX driven
DXENA = 0
FSX ext
6
ns
M10
ten(FXH-DX)
Only applies to first bit transmitted when in Data
DXENA = 1
FSX int
P
ns
Only applies to first bit transmitted when in Data
Delay 0 (XDATDLY=00b) mode
DXENA = 1
FSX ext
P + 6
† Polarity bits CLKRP = CLKXP = FSRP = FSXP = 0. If the polarity of any of the signals is inverted, then the timing references of that signal are
also inverted.
‡ 2P = 1/CLKG in ns.
§ C=CLKRX low pulse width = P
D=CLKRX high pulse width = P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com