Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811 Datasheet(PDF) 156 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 156 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 152Page - Texas Instruments TMS320F2811 Datasheet HTML 153Page - Texas Instruments TMS320F2811 Datasheet HTML 154Page - Texas Instruments TMS320F2811 Datasheet HTML 155Page - Texas Instruments TMS320F2811 Datasheet HTML 156Page - Texas Instruments TMS320F2811 Datasheet HTML 157Page - Texas Instruments TMS320F2811 Datasheet HTML 158Page - Texas Instruments TMS320F2811 Datasheet HTML 159Page - Texas Instruments TMS320F2811 Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 173 page
background image
Electrical Specifications
155
April 2001 − Revised July 2007
SPRS174O
6.33
Flash Timing (F281x Only)
6.33.1
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Nf
Flash endurance for the array (Write/erase cycles)
0
°C to 85°C (ambient)
100
1000
cycles
NOTP
OTP endurance for the array (Write cycles)
0
°C to 85°C (ambient)
1
write
Table 6−57. Flash Parameters at 150-MHz SYSCLKOUT†
PARAMETER
MIN
TYP
MAX
UNIT
16-Bit Word
Using Flash API v1‡
35
µs
16-Bit Word
Using Flash API v2.10
50
µs
Program Time
8K Sector
Using Flash API v1‡
170
ms
Program Time
8K Sector
Using Flash API v2.10
250
ms
16K Sector
Using Flash API v1‡
320
ms
16K Sector
Using Flash API v2.10
500
ms
Erase Time
8K Sector
10
s
Erase Time
16K Sector
11
s
IDD3VFLP
VDD3VFL current consumption during the Erase/Program cycle
Erase
75
mA
IDD3VFLP
VDD3VFL current consumption during the Erase/Program cycle
Program
35
mA
IDDP
VDD current consumption during Erase/Program cycle
140
mA
IDDIOP
VDDIO current consumption during Erase/Program cycle
20
mA
† Typical parameters as seen at room temperature including function call overhead.
‡ Flash API v1.00 is useable on rev. C silicon only.
Table 6−58. Flash/OTP Access Timing
PARAMETER
MIN
MAX
UNIT
ta(fp)
Paged Flash access time
36
ns
ta(fr)
Random Flash access time
36
ns
ta(OTP)
OTP access time
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com