Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811 Datasheet(PDF) 158 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 158 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 154Page - Texas Instruments TMS320F2811 Datasheet HTML 155Page - Texas Instruments TMS320F2811 Datasheet HTML 156Page - Texas Instruments TMS320F2811 Datasheet HTML 157Page - Texas Instruments TMS320F2811 Datasheet HTML 158Page - Texas Instruments TMS320F2811 Datasheet HTML 159Page - Texas Instruments TMS320F2811 Datasheet HTML 160Page - Texas Instruments TMS320F2811 Datasheet HTML 161Page - Texas Instruments TMS320F2811 Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 173 page
background image
Electrical Specifications
157
April 2001 − Revised July 2007
SPRS174O
6.34
ROM Timing (C281x only)
Table 6−60. ROM Access Timing
PARAMETER
MIN
MAX
UNIT
ta(rp)
Paged ROM access time
23
ns
ta(rr)
Random ROM access time
23
ns
ta(ROM)
ROM (OTP area) access time (see Note 1)
60
ns
NOTE 1: In C281x devices, a 1K
× 16 ROM block replaces the OTP block found in Flash devices.
Table 6−61. Minimum Required ROM Wait-States at Different Frequencies (C281x devices)
SYSCLKOUT (MHz)
SYSCLKOUT (ns)
PAGE WAIT-STATE†
RANDOM WAIT STATE†‡
150
6.67
3
3
120
8.33
2
2
100
10
2
2
75
13.33
1
1
50
20
1
1
30
33.33
0
1
25
40
0
1
15
66.67
0
1
4
250
0
1
† Formulas to compute page wait state and random wait state:
ROM Page Wait State
+
t
a(rp)
t
c(SCO)
* 1 (round up to the next highest integer), or 0 whichever is larger
ROM Random Wait State
+
t
a(rr)
t
c(SCO)
* 1 (round up to the next highest integer), or 1 whichever is larger
‡ Random wait state must be greater than or equal to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com