Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP12P05D Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP12P05D
Description  -55V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP12P05D Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP12P05D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP12P05D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP12P05D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP12P05D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP12P05D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP12P05D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP12P05D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP12P05D
-55V P-Channel Enhancement Mode MOSFET
AP12P05D RVE1.0
永源微電子科技有限公司
Description
The AP12P05D uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -55V ID =-12A
RDS(ON) < 120mΩ @ VGS=-10V (Type:95mΩ)
Application
Battery switch
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP12P05D
TO-252-3L
AP12P05D XXX YYY
2500
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-55
V
VGS
Gate-Source Voltage
±20
V
ID@TA=25
℃
Continuous Drain Current, VGS @ -10V1
-12
A
ID@TA=70
℃
Continuous Drain Current, VGS @ -10V1
-8.4
A
IDM
Pulsed Drain Current2
-36
A
PD@TA=25
℃
Total Power Dissipation3
12
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62.5
℃/W
RθJC
Thermal Resistance Junction-Case1
80
℃/W


Similar Part No. - AP12P05D

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP12P04D APME-AP12P04D Datasheet
1Mb / 7P
-40V P-Channel Enhancement Mode MOSFET
AP12P04S APME-AP12P04S Datasheet
1Mb / 7P
-40V P-Channel Enhancement Mode MOSFET
More results

Similar Description - AP12P05D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY110N06T HY-HY110N06T Datasheet
252Kb / 4P
55V / 110A N-Channel Enhancement Mode MOSFET
logo
MORE Semiconductor Comp...
MSP0505W MORESEMI-MSP0505W Datasheet
462Kb / 6P
-55V(D-S) P-Channel Enhancement Mode Power MOS FET
logo
Guangdong Youtai Semico...
IRF4905 UMW-IRF4905 Datasheet
554Kb / 8P
-55V P-Channel MOSFET
IRF5305STRL UMW-IRF5305STRL Datasheet
1Mb / 8P
-55V P-Channel MOSFET
IRF9Z24N UMW-IRF9Z24N Datasheet
550Kb / 8P
-55V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com