Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP12P05D Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP12P05D
Description  -55V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP12P05D Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP12P05D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP12P05D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP12P05D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP12P05D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP12P05D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP12P05D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP12P05D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP12P05D
-55V P-Channel Enhancement Mode MOSFET
AP12P05D RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TC=25
℃ unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-55
-58
---
V
△BVDSS/△TJ
BVDSS Temperature Coefficient
Reference to 25
℃ , ID=-1mA
---
-0.021
---
V/
℃
RDS(ON)
Static Drain-Source On-Resistance2
VGS=-10V , ID=-5A
---
95
120
mΩ
VGS=-4.5V , ID=-3A
---
115
160
mΩ
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =-250uA
-1.0
1.65
-2.5
V
△VGS(th)
VGS(th) Temperature Coefficient
---
4.08
---
mV/
℃
IDSS
Drain-Source Leakage Current
VDS=-48V , VGS=0V , TJ=25
℃
---
---
1
uA
IDSS
VDS=-48V , VGS=0V , TJ=55
℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±100
nA
gfs
Forward Transconductance
VDS=-5V , ID=-1.5A
---
5.9
---
S
Qg
Total Gate Charge (-4.5V)
VDS=-20V , VGS=-4.5V , ID=-1.5A
---
4.6
---
nC
Qgs
Gate-Source Charge
---
1.4
---
nC
Qgd
Gate-Drain Charge
---
1.62
---
nC
Td(on)
Turn-On Delay Time
VDS=-15V , VGS=-10V , RG=3.3Ω,
ID=-1A
---
17.4
---
ns
Tr
Rise Time
---
5.4
---
ns
Td(off)
Turn-Off Delay Time
---
37.2
---
ns
Tf
Fall Time
---
2.4
---
ns
Ciss
Input Capacitance
VDS=-15V , VGS=0V , f=1MHz
---
531
---
pF
Coss
Output Capacitance
---
59
---
pF
Crss
Reverse Transfer Capacitance
---
38
---
pF
IS
Continuous Source Current1,4
VG=VD=0V , Force Current
---
---
-1.7
A
ISM
Pulsed Source Current2,4
---
---
-7
A
VSD
Diode Forward Voltage2
VGS=0V , IS=-1A , TJ=25
℃
---
---
-1.2
V
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%,
3、The EAS data shows Max. rating :TJ=25
℃, VDD= 35V, VG= 10V, RG=25Ω, L=0.1mH, IAS= 8A
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com