Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EM44AM1684LBA Datasheet(PDF) 21 Page - Eorex Corporation

Part # EM44AM1684LBA
Description  256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM44AM1684LBA Datasheet(HTML) 21 Page - Eorex Corporation

Back Button EM44AM1684LBA Datasheet HTML 17Page - Eorex Corporation EM44AM1684LBA Datasheet HTML 18Page - Eorex Corporation EM44AM1684LBA Datasheet HTML 19Page - Eorex Corporation EM44AM1684LBA Datasheet HTML 20Page - Eorex Corporation EM44AM1684LBA Datasheet HTML 21Page - Eorex Corporation EM44AM1684LBA Datasheet HTML 22Page - Eorex Corporation EM44AM1684LBA Datasheet HTML 23Page - Eorex Corporation EM44AM1684LBA Datasheet HTML 24Page - Eorex Corporation EM44AM1684LBA Datasheet HTML 25Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
eorex
EM44AM1684LBA
Jul. 2006
www.eorex.com
Address input for Mode Register Set ( MRS )
BA1
BA0
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
0
PD
WR
DLL
TM
CAS Latency
BT
Burst Length
DLL Rest A8
Mode
A7
Burst
Lth
A2 A1 A0
No
0
Normal
0
4
0
1
0
Yes
1
Test
1
8
0
1
1
Active Power-Down
Mode
A12
Burst Type
A3
Fast Exit
( Normal )
1
Sequential
0
Slow Exit ( low power )
0
Interleave
1
BA1
BA0
MRS Mode
0
0
Mode Register (MRS)
0
1
Extended Mode Register / EMRS(1)
1
0
EMRS(2) * Reserved
1
1
EMRS(3) * Reserved
Write Recovery
A11
A10
A9
CAS Latency
A6
A5
A4
Reserved
0
0
0
Reserved
0
0
0
2
0
0
1
Reserved
0
0
1
3
0
1
0
Reserved
0
1
0
4
0
1
1
3
0
1
1
5
1
0
0
4
1
0
0
6
1
0
1
5
1
0
1
Reserved
1
1
0
Reserved
1
1
0
Reserved
1
1
1
Reserved
1
1
1
21/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com