Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EM44AM1684LBA Datasheet(PDF) 28 Page - Eorex Corporation

Part # EM44AM1684LBA
Description  256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM44AM1684LBA Datasheet(HTML) 28 Page - Eorex Corporation

Back Button EM44AM1684LBA Datasheet HTML 21Page - Eorex Corporation EM44AM1684LBA Datasheet HTML 22Page - Eorex Corporation EM44AM1684LBA Datasheet HTML 23Page - Eorex Corporation EM44AM1684LBA Datasheet HTML 24Page - Eorex Corporation EM44AM1684LBA Datasheet HTML 25Page - Eorex Corporation EM44AM1684LBA Datasheet HTML 26Page - Eorex Corporation EM44AM1684LBA Datasheet HTML 27Page - Eorex Corporation EM44AM1684LBA Datasheet HTML 28Page - Eorex Corporation EM44AM1684LBA Datasheet HTML 29Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
eorex
EM44AM1684LBA
Jul. 2006
www.eorex.com
OCD impedance adjust
To adjust output driver impedance, controllers must issue the ADJUST EMRS(1) command along with a 4 bit
burst code to DDR2 SDRAM as in the following table. For this operation, Burst Length has to be set to BL = 4
via MRS command before activating OCD and controllers must drive the burst code to all DQs at the same
time. DT0 is the table means all DQ bits at bit time 0, DT1 at bit time 1, and so forth. The driver output
impedance is adjusted for all DDR2 SDRAM DQs simultaneously and after OCD calibration, all DQs of a
given DDR2 SDRAM will be adjusted to the same driver strength setting. The maximum step count for
adjustment can be up to 16 and when the limit is reached, further increment or decrement code has no
effect. The default setting may be any step within the maximum step count range. When Adjust mode
command is issued, AL from previously set value must be applied.
Off-Chip-Driver Adjust Program
4 bit burst code inputs to all DQs
Operation
DT0
DT1
DT2
DT3
Pull-up driver strength
Pull-down driver strength
0
0
0
0
NOP (no operation)
NOP (no operation)
0
0
0
1
Increase by 1 step
NOP
0
0
1
0
Decrease by 1 step
NOP
0
1
0
0
NOP
Increase by 1 step
1
0
0
0
NOP
Decrease by 1 step
0
1
0
1
Increase by 1 step
Increase by 1 step
0
1
1
0
Decrease by 1 step
Increase by 1 step
1
0
0
1
Increase by 1 step
Decrease by 1 step
1
0
1
0
Decrease by 1 step
Decrease by 1 step
Other Combinations
Reserved
Reserved
28/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com