Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE206XB Datasheet(PDF) 48 Page - Texas Instruments

Part # TLE206XB
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE206XB Datasheet(HTML) 48 Page - Texas Instruments

Back Button TLE206XB Datasheet HTML 44Page - Texas Instruments TLE206XB Datasheet HTML 45Page - Texas Instruments TLE206XB Datasheet HTML 46Page - Texas Instruments TLE206XB Datasheet HTML 47Page - Texas Instruments TLE206XB Datasheet HTML 48Page - Texas Instruments TLE206XB Datasheet HTML 49Page - Texas Instruments TLE206XB Datasheet HTML 50Page - Texas Instruments TLE206XB Datasheet HTML 51Page - Texas Instruments TLE206XB Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
TLE206x, TLE206xA, TLE206xB
EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS193B − FEBRUARY 1997 − REVISED MAY 2004
48
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 8
INPUT BIAS CURRENT
AND INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
105
85
65
45
25
105
104
103
102
101
100
VIC = 0
VCC ± = ±15 V
IIO
IIB
125
Figure 9
COMMON-MODE INPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
125
100
75
50
25
0
−25
−50
−75
TA − Free-Air Temperature − °C
VCC +
VCC +
VCC −
VCC −
VCC − +2
+3
+4
VCC +
+1
+2
VIC +
VIC −
Figure 10
MAXIMUM POSITIVE PEAK
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
−60
−50
−40
−30
−20
−10
0
IO − Output Current − mA
0
2
4
6
8
10
12
14
16
18
20
VCC± = ± 5 V
VCC ± = ±15 V
TA = 25°C
Figure 11
MAXIMUM NEGATIVE PEAK
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
30
35
VCC ± = ±15 V
VCC± = ±5 V
IO − Output Current − mA
0
5
10
15
20
25
40
−20
−18
−16
−14
−12
−10
−8
−6
−4
−2
0
TA = 25°C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com