Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE206XB Datasheet(PDF) 24 Page - Texas Instruments

Part # TLE206XB
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE206XB Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLE206XB Datasheet HTML 20Page - Texas Instruments TLE206XB Datasheet HTML 21Page - Texas Instruments TLE206XB Datasheet HTML 22Page - Texas Instruments TLE206XB Datasheet HTML 23Page - Texas Instruments TLE206XB Datasheet HTML 24Page - Texas Instruments TLE206XB Datasheet HTML 25Page - Texas Instruments TLE206XB Datasheet HTML 26Page - Texas Instruments TLE206XB Datasheet HTML 27Page - Texas Instruments TLE206XB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
TLE206x, TLE206xA, TLE206xB
EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS193B − FEBRUARY 1997 − REVISED MAY 2004
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2062I electrical characteristics at specified free-air temperature, VCC± = ±5 V (unless otherwise
noted) (continued)
PARAMETER
TEST CONDITIONS
TA†
TLE2062I
TLE2062AI
TLE2062BI
UNIT
A
MIN
TYP
MAX
ICC
Supply current
25
°C
560
620
A
ICC
Supply current
VO = 0,
No load
Full range
640
µA
∆ICC
Supply-current change over operating
VO = 0,
No load
Full range
54
µA
∆ICC
Supply-current change over operating
temperature range
Full range
54
µA
† Full range is − 40°C to 85°C.
TLE2062I operating characteristics at specified free-air temperature, VCC ± = ±5 V
PARAMETER
TEST CONDITIONS
TA†
TLE2062I
TLE2062AI
TLE2062BI
UNIT
A
MIN
TYP
MAX
SR
Slew rate at unity gain (see Figure 1)
RL = 10 kΩ,
CL = 100 pF
25
°C
2.2
3.4
V/ s
SR
Slew rate at unity gain (see Figure 1)
RL = 10 kΩ,
CL = 100 pF
Full range
1.7
V/
µs
Vn
Equivalent input noise voltage (see Figure 2)
f = 10 Hz,
RS = 20 Ω
25
°C
59
100
nV/
√Hz
Vn
Equivalent input noise voltage (see Figure 2)
f = 1 kHz,
RS = 20 Ω
25
°C
43
60
nV/
√Hz
VN(PP)
Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
25
°C
1.1
µV
In
Equivalent input noise current
f = 1 kHz
25
°C
1
fA/
√Hz
THD
Total harmonic distortion
VO(PP) = 2 V,
RL = 10 kΩ,
25
°C
0.025%
THD
Total harmonic distortion
VO(PP) = 2 V,
AVD = 2,
RL = 10 kΩ,
f = 10 kHz
25
°C
0.025%
B1
Unity-gain bandwidth (see Figure 3)
RL = 10 kΩ,
CL = 100 pF
25
°C
1.8
MHz
B1
Unity-gain bandwidth (see Figure 3)
RL = 100 Ω,
CL = 100 pF
25
°C
1.3
MHz
Settling time
0.1%
25
°C
5
s
Settling time
0.01%
25
°C
10
µs
BOM
Maximum output-swing bandwidth
AVD = 1,
RL = 10 kΩ
25
°C
140
kHz
φm
Phase margin at unity gain (see Figure 3)
RL = 10 kΩ,
CL = 100 pF
25
°C
58
°
φm
Phase margin at unity gain (see Figure 3)
RL = 100 Ω,
CL = 100 pF
25
°C
75
°
† Full range is − 40°C to 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com