Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LXT362 Datasheet(PDF) 39 Page - Intel Corporation

Part # LXT362
Description  Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT362 Datasheet(HTML) 39 Page - Intel Corporation

Back Button LXT362 Datasheet HTML 35Page - Intel Corporation LXT362 Datasheet HTML 36Page - Intel Corporation LXT362 Datasheet HTML 37Page - Intel Corporation LXT362 Datasheet HTML 38Page - Intel Corporation LXT362 Datasheet HTML 39Page - Intel Corporation LXT362 Datasheet HTML 40Page - Intel Corporation LXT362 Datasheet HTML 41Page - Intel Corporation LXT362 Datasheet HTML 42Page - Intel Corporation LXT362 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications — LXT362
Datasheet
39
Table 23. Digital Characteristics
Parameter
Sym
Min
Typ
Max
Unit
Test Conditions
High level input voltage 1,2 (pins 1-4, 17, 23-25)4
VIH
2.0
––
V
Low level input voltage 1,2 (pins 1-4, 17, 23-25)4
VIL
––
0.8
V
High level output voltage 1,2 (pins 6-8, 10, 12, 23, 25)4
VOH
2.4
––
VIOUT = 400
µA
Low level output voltage 1,2 (pins 6-8, 10, 12, 23, 25)4
VOL
––
0.4
V
IOUT = 1.6 mA
High level input voltage 3 (pins 5, 9, 11, 26-28)4
VIH
3.5
––
V
Midrange input voltage 3 (pins 5, 9, 11, 26-28)4
VIM
2.3
2.7
V
Low level input voltage 3 (pins 5, 9, 11, 26-28)4
Host mode
Hardware
mode
VIL
VIL
0.8
1.5
V
V
Input leakage current
ILL
0
±50
µA
Three-state leakage current 1 (all outputs)
I
3L
0
±10
µA
TTIP/TRING leakage current (pins 13, 16)4
ITR
––
±1.2
mA
in Idle and
Power Down
1. Functionality of pins 23 and 25 depend on mode. See Host mode and Hardware mode description.
2. Output drivers will output CMOS logic levels into CMOS loads.
3. As an alternative to supplying 2.3 - 2.7 V (Midrange logic level) to these pins, they may be left open.
4. Referenced pin numbers are for the PLCC package. Refer to Figure 2 on page 8 for the corresponding QFP pins.
Table 24. Analog Characteristics
Parameter
Min
Typ1
Max
Unit
Test Conditions
Recommended output load on TTIP/TRING
50
200
AMI Output Pulse Amplitudes
DSX-1, DS1
2.4
3.0
3.6
V
RL = 100
Jitter added by the transmitter2
10 Hz - 8 kHz 3
––
0.02
UI
8 kHz - 40 kHz 3
––
0.025
UI
10 Hz - 40 kHz3
––
0.025
UI
Broad Band
––
0.05
UI
Receiver sensitivity
@ 772 kHz
Mode 1 (EC1 = 1)
(Long-Haul)
0
26
dB
See Table 10 for Gain
Setting
Mode 2 (EC1 = 0)
(Long-Haul)
0
36
dB
Mode 3 (EC4 = 1)
(Short-Haul)
0
13.6
dB
Allowable consecutive zeros before LOS
160
175
190
Input jitter tolerance
10 kHz - 100 kHz
0.4
––
UI
0 dB line
AT&T Pub 62411
1 Hz 3
138
––
UI
Jitter attenuation curve corner frequency 4
3
Hz
selectable in data port
1. Typical figures are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
2. Input signal to TCLK is jitter-free. The Jitter Attenuator is in the receive path or disabled.
3. Guaranteed by characterization; not subject to production testing.
4. Circuit attenuates jitter at 20 dB/decade above the corner frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com