Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M39208 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M39208
Description  Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39208 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M39208 Datasheet HTML 4Page - STMicroelectronics M39208 Datasheet HTML 5Page - STMicroelectronics M39208 Datasheet HTML 6Page - STMicroelectronics M39208 Datasheet HTML 7Page - STMicroelectronics M39208 Datasheet HTML 8Page - STMicroelectronics M39208 Datasheet HTML 9Page - STMicroelectronics M39208 Datasheet HTML 10Page - STMicroelectronics M39208 Datasheet HTML 11Page - STMicroelectronics M39208 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
– if all the Flash sectors selected for erasure
are protected, DQ6 will toggle to ’0’ for about
100
µs, and then return to the previous ad-
dressed byte.
– if all sectors are protected, the Bulk Erase in-
struction is ignored.
Error flag, DQ5 (Flash block only). This bit is set
to ’1’ when there is a failure during either a Flash
byte programming or a Sector erase or the Bulk
Erase.
In case of error in Flash sector erase or byte
program, the Flash sector in which the error oc-
curred or to which the programmed byte belongs,
must not be used any longer (other Flash sectors
may still be used). The Error bit resets after Reset
instruction.
During a correct Program or Erase, the Error bit will
set to ’0’.
Erase Time-out flag, DQ3 (Flash block only).
The Erase Timer bit reflects the time-out period
allowed between two consecutive Sector Erase
instructions. The Erase timer bit is set to ’0’ after a
Sector Erase instruction for a time period of 100
µs
± 20% unless an additional Sector Erase instruction
is decoded. After this time period or when the
additional Sector Erase instruction is decoded,
DQ3 is set to ’1’.
WRITE a BYTE (or a PAGE) in EEPROM
It should be noticed that writing in the EEPROM
block is an operation, it is not an instruction (as for
Programming a byte in the Flash block).
Write a Byte in EEPROM Block
A write operation is initiated when Chip Enable EE
is Low and Write Enable W is Low with Output
Enable G High. Addresses are latched on the falling
edge of W, EE whichever occurs last.
Once initiated, the write operation is internally
timed until completion, that is during a time tW.
The status of the write operation can be found by
reading the Data Polling and Toggle bits (as de-
tailed in the READ chapter) or the Ready/Busy
output. This Ready/Busy output is driven low from
the write of the byte being written until the comple-
tion of the internal Write sequence.
AI01698B
WRITE AAh in
Address 5555h
WRITE 55h in
Address 2AAAh
WRITE A0h in
Address 5555h
SDP is set
WRITE AAh in
Address 5555h
WRITE 55h in
Address 2AAAh
WRITE A0h in
Address 5555h
WRITE Data to
be Written in
any Address
SDP ENABLE ALGORITHM
Page
Write
Instruction
Page
Write
Instruction
WRITE
is enabled
SDP
Set
SDP
not Set
Write
in Memory
Write Data
+
SDP Set
after tWC
Figure 4. EEPROM SDP Enable Flowcharts
8/30
M39208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com