Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M39208 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M39208
Description  Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39208 Datasheet(HTML) 3 Page - STMicroelectronics

  M39208 Datasheet HTML 1Page - STMicroelectronics M39208 Datasheet HTML 2Page - STMicroelectronics M39208 Datasheet HTML 3Page - STMicroelectronics M39208 Datasheet HTML 4Page - STMicroelectronics M39208 Datasheet HTML 5Page - STMicroelectronics M39208 Datasheet HTML 6Page - STMicroelectronics M39208 Datasheet HTML 7Page - STMicroelectronics M39208 Datasheet HTML 8Page - STMicroelectronics M39208 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
64K Bytes Block
AI02588
3FFFFh
2FFFFh
1FFFFh
0FFFFh
TOP
ADDRESS
30000h
20000h
10000h
00000h
BOTTOM
ADDRESS
64K Bytes Block
A17
1
1
A16
1
0
0
0
1
0
Figure 3. Flash Block Sectors
impedance when the chip is deselected (both EE
and EF driven high) or the outputs are disabled (G
driven high).
Read operations are used to output the contents
from the memory, the Manufacturer identifier, the
Flash Sector protection Status, the Flash block
Identifier, the EEPROM identifier or the OTP row
content.
Memory Block Enable (EE and EF). The Memory
Block Enable (EE or EF) activates the memory
control logic, input buffers, decoders and sense
amplifiers. When the EE input is driven high, the
EEPROM memory block is not selected; when the
EF input is driven high, the Flash memory block is
not selected. Attempts to access both EEPROM
and Flash blocks (EE low and EF low) are forbid-
den. Switching between the two memory block
enables (EE and EF) must not be made on the
same clock cycle, a delay of greater than tEHFL must
be inserted.
The M39208 is in standby when both EF and EE
are High (when no internal Erase or programming
is running). The power consumption is reduced to
the standby level and the outputs are in the high
impedance state, independent of the Output En-
able G or Write Enable W inputs.
After 150ns of inactivity and when the addresses
are driven at CMOS levels, the chip automatically
enters a pseudo standby mode where consumption
is reduced to the CMOS standby value, while the
outputs continue to drive the bus.
Output Enable (G). The Output Enable gates the
outputs through the data buffers during a read
operation. The data outputs are in the high imped-
ance state when the Output Enable G is High.
During Sector Protect and Sector Unprotect opera-
tions, the G input must be forced to VID level (12V
+ 0.5V) (for Flash memory block only).
Write Enable (W). Addresses are latched on the
falling edge of W, and Data Inputs are latched on
the rising edge of W.
OPERATIONS
The M39208 memory is addressed through 18
inputs A0-A17 and provides data on eight Data
Inputs/Outputs DQ0-DQ7 with the help of four con-
trol lines: Chip Enable EEPROM (EE), Chip Enable
Flash (EF), Output Enable (E) and Write Enable
(W) inputs.
An operation is defined as the basic decoding of
the logic level applied to the control input pins (EF,
EE, G, W) and the specified voltages applied on
the relevant address pins. These operations are
detailed in Table 3.
Read. Both Chip Enable and Output Enable (that
is EF and G or EE and G) must be low in order to
read the output of the memory.
Read operations are used to output the contents
from the Flash or EEPROM block, the Manufac-
turer identifier, the Flash Sector protection Status,
the Flash block Identifier, the EEPROM identifier or
the OTP row content.
Notes:
– The Chip Enable input mainly provides power
control and should be used for device selection.
The Output Enable input should be used to gate
data onto the output in combination with active
EF or EE input signals.
– The data read depends on the previous instruc-
tion entered into the memory (see Table 4).
3/30
M39208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com