Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCA2125 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA2125
Description  SPI Real time clock / calendar
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2125 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA2125 Datasheet HTML 1Page - NXP Semiconductors PCA2125 Datasheet HTML 2Page - NXP Semiconductors PCA2125 Datasheet HTML 3Page - NXP Semiconductors PCA2125 Datasheet HTML 4Page - NXP Semiconductors PCA2125 Datasheet HTML 5Page - NXP Semiconductors PCA2125 Datasheet HTML 6Page - NXP Semiconductors PCA2125 Datasheet HTML 7Page - NXP Semiconductors PCA2125 Datasheet HTML 8Page - NXP Semiconductors PCA2125 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
PCA2125_00
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 00.11 — 30 January 2007
2 of 40
NXP Semiconductors
PCA2125
SPI Real time clock / calendar
2.
Pinning information
2.1 Pinning
2.2 Pin description
IDD
supply current
fSCL =7.0 MHz
-
-
800
μA
fSCL =1.0 MHz
-
-
200
μA
SPI bus inactive and CLKOUT disabled;
fSCL =0 kHz; Tamb =25
°C
VDD = 5 V
-
550
725
nA
VDD = 2 V
-
550
725
nA
Tamb
ambient temperature
operating
−40
-
+125
°C
Tstg
storage temperature
−65
-
+150
°C
Table 1.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 1.
Pin configuration TSSOP14
PCA2125
OSCI
VDD
OSCO
CLKOUT
n.c.
n.c.
n.c.
n.c.
INT
SCL
CE
SDI
VSS
SDO
001aaf892
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Table 2.
Pin description PCA2125
Symbol
Pin
Description
OSCI
1
oscillator input
OSCO
2
oscillator output
nc
3
Do not connect and do not use as feed through. Connect to VDD if
floating pins not allowed.
nc
4
Do not connect and do not use as feed through. Connect to VDD if
floating pins not allowed.
INT
5
interrupt output (open-drain; active LOW). When not used, must be
connected to VSS or pulled high via a resistor.
CE
6
chip enable input (active HIGH) with 200 k
Ω pull down.
VSS
7
ground
SDO
8
serial data output, push-pull
SDI
9
serial data input. May float when CE inactive.
SCL
10
serial clock input. May float when CE inactive.
nc
11
Do not connect and do not use as feed through. Connect to VDD if
floating pins not allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com