Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4984FC Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS4984FC
Description  1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984FC Datasheet(HTML) 3 Page - STMicroelectronics

  TS4984FC Datasheet HTML 1Page - STMicroelectronics TS4984FC Datasheet HTML 2Page - STMicroelectronics TS4984FC Datasheet HTML 3Page - STMicroelectronics TS4984FC Datasheet HTML 4Page - STMicroelectronics TS4984FC Datasheet HTML 5Page - STMicroelectronics TS4984FC Datasheet HTML 6Page - STMicroelectronics TS4984FC Datasheet HTML 7Page - STMicroelectronics TS4984FC Datasheet HTML 8Page - STMicroelectronics TS4984FC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
TS4984FC
Absolute Maximum Ratings
3/30
2
Absolute Maximum Ratings
Table 2.
Key parameters and their absolute maximum ratings
Table 3.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltages values are measured with respect to the ground pin
6V
Vi
Input Voltage (2)
2.
The magnitude of input signal must never exceed VCC + 0.3V / GND - 0.3V
GND to VCC
V
Toper
Operating Free Air Temperature Range
-40 to + 85
°C
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthja
Thermal Resistance Junction to Ambient for
Flip-chip15
180
°C/W
Pdiss
Power Dissipation
Internally Limited
ESD
Human Body Model (3)
3.
All voltage values are measured from each pin with respect to supplies
2kV
ESD
Machine Model
200
V
Latch-up Immunity
200mA
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2.2 to 5.5
V
VICM
Common Mode Input Voltage Range
1.2V to VCC
V
VSTBY
Standby Voltage Input:
Device ON
Device OFF
1.35
≤ VSTBY ≤ VCC
GND
≤ VSTBY ≤ 0.4
V
RL
Load Resistor
≥ 4
Ω
ROUTGND
Resistor Output to GND (VSTBY = GND)
≥ 1MΩ
TSD
Thermal Shutdown Temperature
150
°C
Rthja
Thermal Resistance Junction to Ambient
Flip-chip15(1)
1.
When mounted on a 4-layer PCB
110
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com