Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4984FC Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS4984FC
Description  1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984FC Datasheet(HTML) 4 Page - STMicroelectronics

  TS4984FC Datasheet HTML 1Page - STMicroelectronics TS4984FC Datasheet HTML 2Page - STMicroelectronics TS4984FC Datasheet HTML 3Page - STMicroelectronics TS4984FC Datasheet HTML 4Page - STMicroelectronics TS4984FC Datasheet HTML 5Page - STMicroelectronics TS4984FC Datasheet HTML 6Page - STMicroelectronics TS4984FC Datasheet HTML 7Page - STMicroelectronics TS4984FC Datasheet HTML 8Page - STMicroelectronics TS4984FC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Electrical Characteristics
TS4984FC
4/30
3
Electrical Characteristics
Table 4.
VCC = +5V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC
Supply Current
No input signal, no load
7.4
12
mA
ISTBY
Standby Current (1)
1.
Standby mode is activated when VSTBY is tied to Gnd.
No input signal, VSTBY =GND, RL =8Ω
10
1000
nA
VOO
Output Offset Voltage
No input signal, RL =8Ω
110mV
Pout
Output Power
THD = 1% Max, F = 1kHz, RL =8Ω
0.9
1.2
W
THD + N
Total Harmonic Distortion
+ Noise
Pout =1Wrms, AV = 2
20Hz
≤ F ≤ 20kHz, RL = 8Ω
0.2
%
PSRR
Power Supply Rejection
Ratio(2)
2.
All PSRR data limits are guaranteed by production sampling tests.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the sinusoidal signal superimposed upon VCC.
RL = 8Ω, AV = 2, Vripple = 200mVpp,
Input Grounded, F
= 217Hz
55
62
dB
RL = 8Ω, AV = 2, Vripple = 200mVpp,
Input Grounded, F
= 1kHz
55
64
Crosstalk Channel Separation,
RL = 8Ω, F = 1kHz
107
dB
RL = 8Ω, F = 20Hz to 20kHz
82
twu
Wake-Up Time
Cb = 1µF
90
130
ms
tstby
Standby Time
Cb = 1µF
10
µs
VSTBYH
Standby Voltage Level
High
1.3
V
VSTBYL
Standby Voltage Level
Low
0.4
V
ΦM
Phase Margin at Unity
Gain
RL = 8Ω, CL = 500pF
65
Degrees
GM
Gain Margin
RL = 8Ω, CL = 500pF
15
dB
GBP
Gain Bandwidth Product
RL = 8Ω
1.5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com