Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB3317 Datasheet(PDF) 8 Page - SMSC Corporation

Part # USB3317
Description  Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3317 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button USB3317 Datasheet HTML 3Page - SMSC Corporation USB3317 Datasheet HTML 4Page - SMSC Corporation USB3317 Datasheet HTML 5Page - SMSC Corporation USB3317 Datasheet HTML 6Page - SMSC Corporation USB3317 Datasheet HTML 7Page - SMSC Corporation USB3317 Datasheet HTML 8Page - SMSC Corporation USB3317 Datasheet HTML 9Page - SMSC Corporation USB3317 Datasheet HTML 10Page - SMSC Corporation USB3317 Datasheet HTML 11Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
Revision 1.3 (11-02-07)
8
SMSC USB3317
PRODUCT PREVIEW
Application Diagrams
Figure 4 USB3317 QFN Application Diagram
USB
Connector
ULPI Interface
5 Volt
Supply
3.1-5.5V
Battery /
Supply
12
CVBUS
Host/OTG Only
CVBUS
Host
Device
OTG Device
Min
120uF
1uF
1uF
Max
10uF
6.5uF
VBUS
ID
VDD3.3
DM
DP
NXT
DATA0
DATA2
DATA3
DATA1
VDDIO
1
2
3
4
5
6
18
17
16
15
14
13
24Pin
QFN
4 x 4 mm
VBAT
1.8V
Supply
Reference Clock
RESETB
QFN
Ground Flag
1.8-3.3V
IO Supply
VDDIO
Note:
VDDIO can
be connected
to the 1.8V
supply for
1.8V IO
REFCLK and CLKOUT should be
isolated with a ground line on both
sides.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com