Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPZB260ADP Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPZB260ADP
Description  Adapter board
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPZB260ADP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPZB260ADP Datasheet HTML 3Page - STMicroelectronics SPZB260ADP Datasheet HTML 4Page - STMicroelectronics SPZB260ADP Datasheet HTML 5Page - STMicroelectronics SPZB260ADP Datasheet HTML 6Page - STMicroelectronics SPZB260ADP Datasheet HTML 7Page - STMicroelectronics SPZB260ADP Datasheet HTML 8Page - STMicroelectronics SPZB260ADP Datasheet HTML 9Page - STMicroelectronics SPZB260ADP Datasheet HTML 10Page - STMicroelectronics SPZB260ADP Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Electrical drawing
SPZB260ADP
8/11
4
Electrical drawing
Figure 6.
Adapter electrical drawing
 
U1
RS TB
1
PTI _E N
13
SP I MI S O
5
SP I MO SI
4
SI F _MO SI
11
SI F _C LK
9
SI F _MI S O
10
VD D (VBAT)
8
SP I _C L K
6
GN D
7
SD B G
17
AC TI VI TY
16
SI F _LOA D B
12
WA KE
15
PTI _D ATA
14
SP I _SSEL/ C TS
3
HOS T_I N T/ R XD
2
TXD
NC
RTS
NC
PTI _D A TA
SI F_ MI SO
SI F_ C LK
HO ST _I NT/ R XD
SPI _C LK
PTI _EN
WAK E
SI F_ MOSI
SI F_ LOAD B
SPZB260 Module
AC TI VI TY
SD G B
C1
10u
6. 3V
J1
CO N10A
1
3
5
7
9
2
4
6
8
10
SI F _LOA D B
VB R D (V B A T) - J 1
SI F _MO SI
SI F _MI S O
PTI _E N
PTI _D AT A
RS TB
SI F _C LK
R2 N .M .
R3 0 O hm
JP 3
JP5
JP 6
TXD / VBR D (V BA T) - J 4
RTS / GN D
JP2
JP4
TXD
RTS
RS TB
SPI_SSEL/ C TS
SPI MOSI
SPI MI SO
RTS
TXD
C2
10u
6. 3V
SP I MI S O
SP I MO SI
SP I _C L K
J2
1
2
3
4
5
6
HOS T_I N T /R XD
SP I _SSEL/ C TS
W AKE
J4
1
2
3
4
5
6
RS TB
VB R D (VB A T) - J 2
JP 1
R1
510 O hm
L1
GR E EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com