Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPZB260ADP Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPZB260ADP
Description  Adapter board
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPZB260ADP Datasheet(HTML) 1 Page - STMicroelectronics

  SPZB260ADP Datasheet HTML 1Page - STMicroelectronics SPZB260ADP Datasheet HTML 2Page - STMicroelectronics SPZB260ADP Datasheet HTML 3Page - STMicroelectronics SPZB260ADP Datasheet HTML 4Page - STMicroelectronics SPZB260ADP Datasheet HTML 5Page - STMicroelectronics SPZB260ADP Datasheet HTML 6Page - STMicroelectronics SPZB260ADP Datasheet HTML 7Page - STMicroelectronics SPZB260ADP Datasheet HTML 8Page - STMicroelectronics SPZB260ADP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
April 2008
Rev 1
1/11
11
SPZB260ADP
Adapter board
Features
■ Easy interface for SPZB260 module
■ Single supply from 2.1 to 3.6 V
■ Two 6-pin connectors to access EZSP
■ 10 pin InSight™ port connector for debug
■ Access to SIF signals
■ Access to the InSight™ Desktop packet trace
interface
■ LEDs for link activity indication
Description
SPZB260ADP is the adapter board for the
ZigBee® module SPZB260.
It provides an easy way to interface the SPZB260
module with the development kit during the
development and deployment phase of a ZigBee®
application.
It contains two 6 pins connectors to access the
EmberZNet™ serial protocol (EZSP) and the
SPZB260 module SPI, SIF signals and voltage
supply; in addition a keyed 10 pin connector allow
the connectivity of the SIF and PTI signals with
the InSight™ Desktop for debug.
A LED indicator is driven by a Link Activity signal
to provide a visual indication of the module
behavior.
As SPZB260ADP is a passive interface of the
SPZB260 module, for the electrical
characteristics, please refer to the SPZB260
module datasheet.
www.st.com


Similar Part No. - SPZB260ADP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPZB260 STMICROELECTRONICS-SPZB260 Datasheet
221Kb / 15P
ZigBee® module
19-Jan-2009
SPZB260-PRO STMICROELECTRONICS-SPZB260-PRO Datasheet
363Kb / 15P
ZigBee® module
22-Apr-2009
More results

Similar Description - SPZB260ADP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QF4A512-PA ETC2-QF4A512-PA Datasheet
77Kb / 1P
Programming Adapter Board
logo
STMicroelectronics
RM0345 STMICROELECTRONICS-RM0345 Datasheet
685Kb / 38P
calibration adapter board for SPC563M64xx devices
17-Sep-2013
logo
Infineon Technologies A...
ICE2QS03G INFINEON-ICE2QS03G_16 Datasheet
2Mb / 28P
45 W adapter demo board
Revision 1.0 2016-06-27
logo
Crystalfontz America, I...
CFA-10084 CRYSTAIFONTZ-CFA-10084 Datasheet
931Kb / 7P
ePaper Adapter Board
logo
Microchip Technology
XMCA1 MICROCHIP-XMCA1 Datasheet
877Kb / 15P
1200V XM3 Core Adapter Board
2021
logo
Maxim Integrated Produc...
MAXPICO2PMB MAXIM-MAXPICO2PMB Datasheet
2Mb / 12P
Adapter Board
Rev 0; 1/21
logo
SparkFun Electronics
DEV-15845 SPARKFUN-DEV-15845 Datasheet
268Kb / 2P
Teensy Audio Adapter Board (Rev D)
12??2??9
logo
Pepperl+Fuchs Inc.
S1000-KFDADAPTER PF-S1000-KFDADAPTER Datasheet
789Kb / 4P
Adapter K-device - S1000 termination board
2020-09-23
logo
Microchip Technology
AC102015 MICROCHIP-AC102015 Datasheet
233Kb / 2P
ICD4 RJ45 Universal Adapter Board
logo
Bridgetek Pte Ltd.
MM2040EV BRIDGETEK-MM2040EV Datasheet
941Kb / 17P
Adapter Board
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com