Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS7050-BWLM Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # AS7050-BWLM
Description  Analog Frontend for Vital Sign Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7050-BWLM Datasheet(HTML) 4 Page - ams-OSRAM AG

  AS7050-BWLM Datasheet HTML 1Page - ams-OSRAM AG AS7050-BWLM Datasheet HTML 2Page - ams-OSRAM AG AS7050-BWLM Datasheet HTML 3Page - ams-OSRAM AG AS7050-BWLM Datasheet HTML 4Page - ams-OSRAM AG AS7050-BWLM Datasheet HTML 5Page - ams-OSRAM AG AS7050-BWLM Datasheet HTML 6Page - ams-OSRAM AG AS7050-BWLM Datasheet HTML 7Page - ams-OSRAM AG AS7050-BWLM Datasheet HTML 8Page - ams-OSRAM AG AS7050-BWLM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Document Feedback
AS7050
General Description
Short Datasheet
• PUBLIC
DS001051
• v1-00 • 2022-Mar-31
19
│ 3
1
General Description
The AS7050 Biosignal Sensor Analog Frontend is the next generation Vital Sign Sensor. It enables
the user to detect biosignals such as photoplethysmogram (PPG), electrocardiogram (ECG) and
galvanic skin resistance (GSR). PPG is the most used HRM method. It measures the pulse rate by
sampling light modulated by the blood vessels, which expand and contract as blood pulses through
them. ECG is the reference for any measurement of the biopotential generated by the heart.
Compared to the previous ams OSRAM biosignal sensor generation, AS7050 is a biosignal converting
unit. The AS7050 provides up to 8 LED driver outputs, samples up to 6 photodiode inputs and
supports external electrodes. This enables the highest flexibility for several LED and photodiode
arrangements in different applications. Furthermore, the AS7050 Biosignal Sensor Analog Frontend
provides 2 ADC channels for simultaneous PPG and ECG measurements and an automatic
photodiode offset control.
The embedded ECG analog front-end satisfies IEC 60601-2-47 requirements.
The AS7050
’s low-power design and small form factor are particularly well suited to application in
fitness bands, smartwatches, sports watches, smart patches and earbuds. In these cases, board
space is limited, and users look for extended, multi-day intervals between battery recharges. Thin
package dimension makes the AS7050 suitable for height constrained solutions like earbuds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com