Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS7050-BWLM Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # AS7050-BWLM
Description  Analog Frontend for Vital Sign Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7050-BWLM Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button AS7050-BWLM Datasheet HTML 2Page - ams-OSRAM AG AS7050-BWLM Datasheet HTML 3Page - ams-OSRAM AG AS7050-BWLM Datasheet HTML 4Page - ams-OSRAM AG AS7050-BWLM Datasheet HTML 5Page - ams-OSRAM AG AS7050-BWLM Datasheet HTML 6Page - ams-OSRAM AG AS7050-BWLM Datasheet HTML 7Page - ams-OSRAM AG AS7050-BWLM Datasheet HTML 8Page - ams-OSRAM AG AS7050-BWLM Datasheet HTML 9Page - ams-OSRAM AG AS7050-BWLM Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Document Feedback
AS7050
General Description
Short Datasheet
• PUBLIC
DS001051
• v1-00 • 2022-Mar-31
19
│ 5
1.3
Block Diagram
The functional blocks of this device are shown below:
Figure 2 :
Functional Blocks of AS7050
PD
SELECTION
Reference
Block
EXTCLK
PD3
ECG
Amplifier
PD4
PD5
PD6
PD
Offset
PPG - ADC
Current Input
TIA
PDREF
ECG_INP
ECG_INN
ECG_REF
Leads off
detect
Leakage
compens
ation
ECG_REF
AMP
ECG_Amplifier Block
LED
Driver 2x
LED1
LED2
LED3
PGND
LED4
LED5
LED6
ECG - ADC
Voltage Input
ECG
ADC
INPUT
SELECTION
SCL
SDA_MOSI
MISO
CSXN
INT
LDO
LDO
Analog Supply
(1.8V)
Digital Supply
(1.8V)
POR
OSC
10 BIT
DAC
AFE
IN /
OUT
SELEC
TION
Analog Front End (AFE)
Clock
Source
Selection
VDDIO
1.8V
3.3V
VLED
from/ to µC
to µC
2x10M
10µ
AS7050
PD1
PD2
LED7_GPIO1
LED8_GPIO2
VLED
GPIO1, GPIO2
PPG
Filter
FIFO
1.5kByte
I2C / SPI
Interface
Over-
sampling
1
Over-
sampling
2
Sequencer
CONFIG
TIA
CONFIG
REF
CONFIG
ECG
CONFIG
DIGITAL
CONFIG
TEMP
CONFIG
PPG
CONFIG
AFE
RAM
Filter
Interrupt
Logic
Clock/Reset
Logic
Config
LED
OTP
Digital
ECG
Filter
Config
PD
Synchro-
nisation
I/O
Control
Over-
sampling
2
19 Bit
19 Bit
24 Bit
Automatic
Offset
Control
Automatic
Offset
Control
8 Bit
DAC
8 Bit
DAC
PD
Offset
IFSEL
Over-
sampling 1
Notch
Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com