Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS-TC03 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-TC03
Description  Single-Mode, Narrow Band Photon Source Using SPDC for Hybrid Quantum Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-TC03 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-TC03 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-TC03 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-TC03 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-TC03 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-TC03 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Case Study CS-TC03 Rev. A
Page 2
© 2020 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
If the SPDC method is used, it can be very difficult to
obtain narrow photon bandwidth. Generally, SPDC creates
photons with very broad bandwidth, orders of magnitude
larger than atomic transitions. In order for these hybrid
quantum systems to be successful, the bandwidth of the
generated photons needs to be narrow enough to interact
with and match the linewidths of the atomic transitions. A
simple solution is to introduce passive spectral filtering into
the system. However, this creates a large amount of loss in
the design. An alternate solution is using an OPO to utilize
the advantages of cluster effects.
An OPO, combined with SPDC, however, can generate
multi-mode spectral characteristics which are not ideal for
efficient interaction with the atomic transition. Two ways to
suppress the unwanted modes are filter cavities and atomic
line filters. These methods of mode-filtering work but at the
cost of photon loss and increased complexity in the setup.1
Using doubly resonant OPOs, it can be difficult to reach the
doubly resonant condition as the tuning behavior is heavily
dependent on stable crystal temperature. Once attained,
cluster effects can enable a narrow band photon source
with fewer modes. However, the attempts at achieving this
condition have been unsuccessful at highly non-degenerate
(photon pair with different energies) SPDC.
UNIVERSITY OF VIENNA'S SOLUTION
Researchers at the University of Vienna, Austria have
developed a single-mode, narrow-bandwidth photon
source for quantum applications. They accomplish this
through a novel design utilizing a doubly resonant Optical
Parametric Oscillator (OPO) with Spontaneous Parametric
Down-Conversion (SPDC). In order to achieve the doubly
resonant condition, an additional birefringent crystal is
inserted into the Type-II OPO. This allows for narrow band
photons with fewer modes. A complete setup, including a
pump laser, probe laser, OPO cavity with two crystals, and
other components can be seen in
Figure 3.
The two lasers shown are used as a pump laser (426 nm,
30 mW) and a probe laser (852 nm, 50 mW). The probe
laser is tuned to the Cs D2 line by passing some of the light
through Cs vapor, performing polarization spectroscopy
on the Cs vapor and allowing frequency tuning. The
pump laser is locked to the probe laser by combining
a portion of the pump laser beam with the frequency-
doubled probe laser. The probe laser is frequency-
doubled using a single-pass Type-I PPKTP crystal to
426 nm. Another portion of the probe laser is sent to a
double-pass Acousto-Optic Modulator (AOM) system.
The combination of Equation (1) and Equation (2) is
called the "phase-matching conditions." This allows
some control of the characteristics (wavelength and
bandwidth) of the signal and idler photons to produce
a desired result.
There are two types of OPO: Singly Resonant OPOs
(SRO) and Doubly Resonant OPOs (DRO). An SRO
provides feedback to only one of the signal or idler
photons, while a DRO provides feedback at both the
signal and the idler frequencies.
The DRO is designed such that both frequencies
coincide with resonator modes to allow SPDC emission
but exhibit different free spectral ranges (FSR).1 This is
the OPO that is used for single-mode photon sources.
DROs have lower threshold pump power, and the
tuning behavior of the photons can be affected
by changing crystal temperature.3 DROs also can
leverage cluster effects. When signal and idler modes
overlap, the spectrum of the OPO is made of clusters
of a few modes. This can be seen in
Figure 2.
SPDC
Signal
modes
Idler
FSRs
FSR i
Clusters
modes
Designers change the properties of the SPDC crystal
to reach this doubly resonant condition where both the
signal and idler modes are resonant to the cavity at the
same time.
Figure 2. Cluster effect. The longitudinal modes for
signal are shown in orange and the modes for idler
are in green. The two arrows indicate the direction
in which frequency increases. The overlap condition
is periodical, but because of the difference in the
FSRs for signal and idler, the modes that are next
to the fully overlapping ones coincide only partially.
This leads to a spectrum that is made of clusters of
modes, separated by Δνc.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com