Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS-TC03 Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # CS-TC03
Description  Single-Mode, Narrow Band Photon Source Using SPDC for Hybrid Quantum Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-TC03 Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  CS-TC03 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-TC03 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-TC03 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-TC03 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-TC03 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2020 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Case Study CS-TC03 Rev. A
Single-Mode, Narrow Band Photon
Source Using SPDC for Hybrid
Quantum Systems
April, 2020
Page 1
ABSTRACT
Generating single-mode, narrow-band photons with high purity and brightness has proven to be difficult.
Researchers at the University of Vienna have designed a photon source using Spontaneous Parametric
Down-Conversion (SPDC) with a doubly resonant Optical Parametric Oscillator (OPO) utilizing an
additional birefringent crystal to tune clusters independent of SPDC phase-matching. Achieving the doubly
resonant condition in the OPO that enables a single mode is the challenge when creating a photon source
with both single-mode and narrow-bandwidth. This is resolved here, as the resulting photon source has
a bandwidth of 10.9 MHz to match the linewidths of atomic transitions. The source also produces single-
mode photon pairs at a rate of 47.5 Hz without mode filters reducing loss in the system. This novel design
enables research and applications in the quantum realm using hybrid light-matter interactions.
HYBRID QUANTUM SYSTEMS
Many quantum systems utilize single photons and their
spectral properties. Hybrid quantum systems combine
single photon-based and matter-based designs to
implement two-qubit gates, the foundation for quantum
computers and information processing.1 Applications for
this type of photon source range from observing quantum
phenomena to quantum communication.
Spontaneous Parametric Down-Conversion (SPDC) is one
hybrid photon-matter based system used to generate single
photons at a high purity level. This method also allows
some control of the wavelength and bandwidth of the output
photons.
An Optical Parametric Oscillator (OPO) can be used to
generate coherent light.2 The novel use of a birefringent
crystal in the OPO combined with SPDC achieves photon
selection with minimal losses.
METHODS & PROBLEMS
To implement two-qubit gates for many quantum
applications, hybrid quantum systems need to be created
with photon-matter interactions. Several characteristics
of the generated photon must be achieved to establish a
quality photon source for quantum applications.
One challenge is obtaining high-purity single photons.
Successful methods include: quantum dots, single nitrogen
vacancy center in nanodiamonds, and SPDC.1 The first two
methods do not allow for photon heralding. That is, after
a photon is down-converted to two lower energy photons,
one of the signal or idler photons is detected or measured,
ensuring the other will also be detected with accurate
knowledge of its state.
What is sPDC & OPO?
SPDC is, essentially, a "down-conversion" of a single
photon instantaneously.
Figure 1 shows how SPDC
works.
Crystal
Input Beam γ
1
Signal γ
2
Idler γ
3
One photon (γ
1) enters the nonlinear crystal and is
down-converted into two separate photons: signal and
idler (γ
2 and γ3). Down-converted means that the two
output photons will have lower frequencies (and also
energies) than the input photon. Because of the laws of
conservation of energy and momentum, the two output
photons must have lower energies and momenta than
that of the initial photon such that:
Eγ
1 = Eγ2 + Eγ3
(1)
k
1 = k2 + k3
(2)
where E is the energy of the appropriate photon, γ
1,2,3
distinguishes each photon, and k is the momentum
of the photon. The frequency of each photon can
be related in the same way, as energy is related to
frequency by either h or ħ (planck constant or reduced
planck constant depending on using frequency or
angular frequency).
Figure 1. Spontaneous Parametric Down-
Conversion Process


Similar Part No. - CS-TC03

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
CS-TC02 WAVELENGTH-CS-TC02 Datasheet
1Mb / 4P
Frequency-Modulated, LiDAR-Based Length and Thickness Metrology Systems
February, 2020
CS-TC04 WAVELENGTH-CS-TC04 Datasheet
1Mb / 6P
Polymerase Chain Reaction Thermal Cycler with Proportional-Integral Temperature Controller
January, 2021
CS-TC05 WAVELENGTH-CS-TC05 Datasheet
1Mb / 5P
Fluorescent Hypoxia Detection Fluorescent Hypoxia Detection
November, 2021
CS-TC06 WAVELENGTH-CS-TC06 Datasheet
2Mb / 5P
Rapid Transitions of Thermo-Responsive Polymer Networks
June, 2022
CS-TC07 WAVELENGTH-CS-TC07 Datasheet
2Mb / 6P
A Ray Tracing Approach to Capillary-Based Backscattering Interferometry
September, 2022
More results

Similar Description - CS-TC03

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
MP96X-2 PERKINELMER-MP96X-2 Datasheet
211Kb / 2P
Single Photon Counting Module for Particle Measurement
logo
Maxim Integrated Produc...
MAX1773 MAXIM-MAX1773 Datasheet
397Kb / 20P
Power Source Selector for Dual-Battery Systems
19-1796; Rev 1; 1/03
MAX1538 MAXIM-MAX1538 Datasheet
495Kb / 22P
Power-Source Selector for Dual-Battery Systems
Rev 0; 1/04
logo
TriQuint Semiconductor
TQS5200 TRIQUINT-TQS5200 Datasheet
432Kb / 8P
SPDT Switch for Single- band and Dual-band, 802.11a/b/g Systems
logo
Mitsumi Electronics, Co...
PVC-2LXT-L5 MITSUMI-PVC-2LXT-L5 Datasheet
109Kb / 2P
Trackingless Type, For AM/FM 2-Band, AM Narrow-Band
logo
rfsolutions.ltd
T7-434-075 RFSOLUTIONS-T7-434-075 Datasheet
76Kb / 7P
FM 433MHz Narrow Band
logo
Roithner LaserTechnik G...
QD800C-FQ ROITHNER-QD800C-FQ Datasheet
1,019Kb / 9P
Single Photon Detection Module
logo
List of Unclassifed Man...
RWS-436-4 ETC2-RWS-436-4 Datasheet
380Kb / 4P
Wireless Narrow Band Receiver Module Systems
RWS-436-5 ETC2-RWS-436-5 Datasheet
371Kb / 4P
Wireless Narrow Band Receiver Module Systems
SPCM-AQRH ETC2-SPCM-AQRH Datasheet
931Kb / 15P
Single Photon Counting Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com