Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMMD1002 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMMD1002
Description  WR-15 Waveguide Down Converter Mixer From 50 GHz to 75 GHz, With an IF Range From DC to 18 GHz And LO Power of 13 dBm, UG-385/U Flange
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMMD1002 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMMD1002 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMMD1002 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMMD1002 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMMD1002 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMMD1002 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REV 1.0 Page 1 of 5
Copyright © 2017
The FMMD1002 is a full waveguide band down converter mixer with an LO and RF
frequency range of 50 to 75 GHz (V Band). The IF frequency range is DC to 18
GHz with a nominal LO drive level of +13 dBm. The double balanced circuit design
utilizes high performance GaAs Schottky beam lead diodes. Conversion loss is
8 dB typical and flat across the entire frequency band. The gold plated compact
package design uses integrated WR-15 with UG-385/U-MOD waveguide flange
interfaces for the RF and LO ports and a female SMA connector for the IF port.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
50
75
GHz
LO Frequency Range
50
75
GHz
IF Frequency Range
DC
18
GHz
Conversion Loss
8
dB
LO Port Power
13
15
dBm
Mechanical Specifications
Size
Length
1.4 in [35.56 mm]
Width/Diameter
0.75 in [19.05 mm]
Height
0.75 in [19.05 mm]
.
Weight
0.0625 lbs [28.35 g]
Configuration
Design
Down Converter
.
Description
RF Port
LO Port
IF Port
Type
WR-15
WR-15
SMA Female
.. .
Environmental Specifications
Temperature
Operating Range
0 to +50 deg C
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
WR-15 Waveguide Down Converter Mixer From
50 GHz to 75 GHz, With an IF Range From DC to
18 GHz And LO Power of +13 dBm, UG-385/U Flange
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• V Band (50 to 75 GHz) full
waveguide Down converter
• Broad IF Frequency
Range: DC to 18 GHz
• LO Drive level: +13
dBm nominal
• RF & LO Ports: WR-15 with
UG-385/U-MOD Flange
• Double Balanced design
• Low Capacitance GaAs
Schottky Beam Lead diodes
• Gold Plated Compact
Package Design
• Operating Temperature:
0°C to +50°C
Applications:
• Receiver Subsystems
• Military Communications
• Commercial Communications
• Instruments and Test Equipment
FMMD1002
DATA SHEET


Similar Part No. - FMMD1002

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMD1004 FAIRVIEW-FMMD1004 Datasheet
543Kb / 3P
WR-22 Waveguide Mixer Down Converter From 33 GHz to 50 GHz, With an IF Range From DC to 18 GHz And LO Power of 13 dBm, UG-383/U Flange
REV 1.0
FMMD1005 FAIRVIEW-FMMD1005 Datasheet
538Kb / 3P
WR-28 Waveguide Mixer Down Converter From 26.5 GHz to 40 GHz, With an IF Range From DC to 18 GHz And LO Power of 13 dBm, UG-599/U Flange
REV 1.0
More results

Similar Description - FMMD1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE12D1000 PASTERNACK-PE12D1000 Datasheet
400Kb / 4P
Waveguide Mixer Down Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
PE12D1001 PASTERNACK-PE12D1001 Datasheet
699Kb / 4P
Waveguide Mixer Down Converter WR-12 From 60 GHz to 90 GHz, IF From DC to 18 GHz And LO Power
PE12D1002 PASTERNACK-PE12D1002 Datasheet
388Kb / 4P
Waveguide Mixer Down Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PE12D1003 PASTERNACK-PE12D1003 Datasheet
389Kb / 4P
Waveguide Mixer Down Converter WR-19 From 40 GHz to 60 GHz, IF From DC to 18 GHz And LO Power
PE12D1004 PASTERNACK-PE12D1004 Datasheet
388Kb / 4P
Waveguide Mixer Down Converter WR-22 From 33 GHz to 50 GHz, IF From DC to 18 GHz And LO Power
PE12D1005 PASTERNACK-PE12D1005 Datasheet
693Kb / 4P
Waveguide Mixer Down Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power
PE13U1000 PASTERNACK-PE13U1000 Datasheet
391Kb / 4P
Waveguide Mixer Up Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
PE13U1002 PASTERNACK-PE13U1002 Datasheet
388Kb / 4P
Waveguide Mixer Up Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PE13U1004 PASTERNACK-PE13U1004 Datasheet
389Kb / 4P
Waveguide Mixer Up Converter WR-22 From 33 GHz to 50 GHz, IF From DC to 18 GHz And LO Power
PE13U1005 PASTERNACK-PE13U1005 Datasheet
385Kb / 4P
Waveguide Mixer Up Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power of plus 13 dBm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com