Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMMD1002 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FMMD1002
Description  WR-15 Waveguide Down Converter Mixer From 50 GHz to 75 GHz, With an IF Range From DC to 18 GHz And LO Power of 13 dBm, UG-385/U Flange
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMMD1002 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FMMD1002 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMMD1002 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMMD1002 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMMD1002 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMMD1002 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Typical Performance Data
0
1
2
3
4
5
6
7
8
9
10
50
54
58
62
66
70
74
Freq.(GHz)
Conversion Loss Over LO Frequency
LO FREQ = 50 GHz
LO FREQ = 60 GHz
LO FREQ = 75 GHz
1130 Junction Dr. #100 Allen, TX 75013 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.0 Page 2 of 5
FMMD1002
DATA SHEET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com