Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MJE802 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MJE802
Description  SILICON NPN POWER DARLINGTON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJE802 Datasheet(HTML) 2 Page - STMicroelectronics

  MJE802 Datasheet HTML 1Page - STMicroelectronics MJE802 Datasheet HTML 2Page - STMicroelectronics MJE802 Datasheet HTML 3Page - STMicroelectronics MJE802 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-amb
Thermal Resistance Junction-ambient
Max
3.13
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = rated VCBO
VCB = rated VCBO
Tcase = 100
oC
100
500
µA
µA
ICEO
Collector Cut-off
Current (IB = 0)
VCE = rated VCEO
100
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
2mA
VCEO(sus)
Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 50 mA
80
V
VCE(sat)
∗ Collector-Emitter
Sustaining Voltage
IC = 4 A
IB = 40 mA
IC = 1.5 A
IB = 30 mA
3
2.5
V
V
VBE
Base-Emitter Voltage
IC = 4 A
VCE = 3 V
IC = 1.5 A
VCE = 3 V
3
2.5
V
V
hFE
DC Current Gain
IC = 4 A
VCE = 3 V
IC = 1.5 A
VCE = 3 V
100
750
hfe
Small Signal Current
Gain
IC = 1.5 A
VCE = 3 V
f = 1 MHz
1
* Pulsed: Pulse duration = 300
µs, duty cycle ≤ 1.5%
MJE802-MJ803
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com