Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KRTB-AILMS1 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # KRTB-AILMS1
Description  Micro SIDELED® 3806
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KRTB-AILMS1 Datasheet(HTML) 5 Page - ams-OSRAM AG

  KRTB-AILMS1 Datasheet HTML 1Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 2Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 3Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 4Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 5Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 6Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 7Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 8Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
KRTB AILMS1
DATASHEET
DATASHEET
5 | Version 1.5 | 2024-11-27
Characteristics
I
F = 20 mA; TS = 25 °C
Parameter
Symbol
Values
Values
Values
● red
● true green
● blue
Dominant Wavelength 1)
λ
dom
typ.
625 nm
520 nm
470 nm
Spectral bandwidth at 50% I
rel,max
∆λ
typ.
15 nm
26 nm
20 nm
Viewing angle at 50% I
V
2φ
typ.
120 °
120 °
120 °
Forward Voltage 2)
I
F = 20 mA
V
F
min.
typ.
max.
1.9 V
2.2 V
2.5 V
2.8 V
3.0 V
3.4 V
2.9 V
3.1 V
3.5 V
Real thermal resistance junction/sol-
derpoint 3)
R
thJS real
typ.
max.
160 K / W
200 K / W
190 K / W
220 K / W
210 K / W
250 K / W
Electrical thermal resistance junction/
solderpoint 3)
with optical efficiency of each color
R
thJS elec.
typ.
max.
120 K / W
150 K / W
150 K / W
170 K / W
130 K / W
160 K / W
Notes:
1. Efficiency of each color: Red 24%; Green 22%; Blue 39%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com