Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KRTB-AILMS1 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # KRTB-AILMS1
Description  Micro SIDELED® 3806
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KRTB-AILMS1 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button KRTB-AILMS1 Datasheet HTML 3Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 4Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 5Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 6Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 7Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 8Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 9Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 10Page - ams-OSRAM AG KRTB-AILMS1 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
KRTB AILMS1
DATASHEET
DATASHEET
7 | Version 1.5 | 2024-11-27
Chromaticity Coordinate Groups
I
F(● red) = 20 mA; IF(● true green) = 15 mA; IF(● blue) = 7 mA
Chromaticity Coordinate Groups
Group
Cx
Cy
B1
0.2890
0.3635
0.2950
0.3865
0.3170
0.3865
0.3110
0.3635
B10
0.3270
0.3405
0.3330
0.3635
0.3550
0.3635
0.3490
0.3405
B11
0.3210
0.3175
0.3270
0.3405
0.3490
0.3405
0.3430
0.3175
B12
0.3150
0.2945
0.3210
0.3175
0.3430
0.3175
0.3370
0.2945
Group
Cx
Cy
B2
0.2830
0.3405
0.2890
0.3635
0.3110
0.3635
0.3050
0.3405
B3
0.2770
0.3175
0.2830
0.3405
0.3050
0.3405
0.2990
0.3175
B4
0.2710
0.2945
0.2770
0.3175
0.2990
0.3175
0.2930
0.2945
B5
0.3110
0.3635
0.3170
0.3865
0.3390
0.3865
0.3330
0.3635
Group
Cx
Cy
B6
0.3050
0.3405
0.3110
0.3635
0.3330
0.3635
0.3270
0.3405
B7
0.2990
0.3175
0.3050
0.3405
0.3270
0.3405
0.3210
0.3175
B8
0.2930
0.2945
0.2990
0.3175
0.3210
0.3175
0.3150
0.2945
B9
0.3330
0.3635
0.3390
0.3865
0.3610
0.3865
0.3550
0.3635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com