Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MT7603 Datasheet(PDF) 2 Page - Maxic Technology Corporation

Part # MT7603
Description  Linear Constant – Current LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIC [Maxic Technology Corporation]
Direct Link  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT7603 Datasheet(HTML) 2 Page - Maxic Technology Corporation

  MT7603 Datasheet HTML 1Page - Maxic Technology Corporation MT7603 Datasheet HTML 2Page - Maxic Technology Corporation MT7603 Datasheet HTML 3Page - Maxic Technology Corporation MT7603 Datasheet HTML 4Page - Maxic Technology Corporation MT7603 Datasheet HTML 5Page - Maxic Technology Corporation MT7603 Datasheet HTML 6Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MT7603
Maximizing IC Performance
Linear Constant – Current LED Driver
Rev. 1.00
Page 2
ABSOLUTE MAXIMUM RATINGS
VDD pin voltage
-0.3V ~ 20V
CS, VLINE pin voltage
-0.3V ~ 6V
GATE pin voltage
-0.3V ~ 20V
Storage Temperature
-55°C~150°C
Junction Temperature (Tj)
150°C
RECOMMENDED OPERATING CONDITIONS
Supply voltage VDD
15V
Operating Temperature
-40°C~105°C
THERMAL RESISTANCE
Junction to ambient (RθJA)
170°C/W
PIN CONFIGURATIONS
Week code
Year code
Manufacture code
Chip Mark
7603xYW
Pin description
Name
Pin No
Description
VLINE
1
Linear compensation pin. If this pin connects to ground directly, the
linear voltage compensation is unavailable
GND
2
Chip ground
VDD
3
Power supply pin
NC
4
No connection
GATE
5
Gate of the internal MOSFET
CS
6
Current sense pin
For buy, please contact: info@chimicron.com
Skype:info@chimicron.com
www.chimicron.com
For buy, please contact: info@chimicron.com
Skype:info@chimicron.com
www.chimicron.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com