Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MT7603 Datasheet(PDF) 5 Page - Maxic Technology Corporation

Part # MT7603
Description  Linear ConstantCurrent LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIC [Maxic Technology Corporation]
Direct Link  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT7603 Datasheet(HTML) 5 Page - Maxic Technology Corporation

  MT7603 Datasheet HTML 1Page - Maxic Technology Corporation MT7603 Datasheet HTML 2Page - Maxic Technology Corporation MT7603 Datasheet HTML 3Page - Maxic Technology Corporation MT7603 Datasheet HTML 4Page - Maxic Technology Corporation MT7603 Datasheet HTML 5Page - Maxic Technology Corporation MT7603 Datasheet HTML 6Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MT7603
Maximizing IC Performance
Linear Constant – Current LED Driver
Rev. 1.00
Page 5
In general, D ≈ 0.5, so
PEAK
LED
I
I
 5
.
0
.
The final average LED current needs to be
fine
tuned/trimmed
according
to
the
measured results. In this case, the system
power factor (PF) can reach more than 0.9.
But the LED output current will increase with
the input voltage.
2) There is an electrolytic capacitor after the
rectifier bridge. After rectifying, the input
voltage substantially closes to DC voltage.
So, the LED output current equals to the
peak current,
PEAK
LED
I
I
,
as calculated in
Equation (1). In this case, the output current
is stable. But power factor is relatively lower.
Power Consumption and Heat
Dissipation
The voltage difference between input voltage
and output LED voltage can generate power
consumption, which is all undertaken by the
external power MOSFET. Hence the LED string
voltage and input voltage should be properly
configured to guarantee the power consumption
in a controllable range, or carry on other effective
thermal design solutions. For example to choose
the MOSFET in better heat dissipation package,
and to add a radiator for MOSFET, etc.
Over Temperature Protection
When the junction temperature exceeds Tfold
(typically 140 ℃ ), the LED output current is
gradually reduced. Thus, the output power and
thermal dissipation are also reduced, so as to
protect the LED lamps, and be able to extend the
system life. When the temperature is higher than
Tfold, the drop slope for the output current with the
temperature is about 4%/℃.
Linear Compensation
MT7603
integrates
Maxic
proprietary linear
compensation technique. The input voltage is
detected by the VLINE pin through a resistor
divider R1, R3, R4. The output current is
compensated when the input voltage varies, so
that the input power keeps stable. As shown in
Fig3.
Linear voltage
compensation
GND
VDD
VLINE
NC
GATE
2
4
1
3
MT7603
Vin_ac
CS
6
5
VLED+
VLED-
R1
C2
R6
Q1
R3
R4
R2
Fig.3 Linear compensation application circuit
For buy, please contact: info@chimicron.com
Skype:info@chimicron.com
www.chimicron.com
For buy, please contact: info@chimicron.com
Skype:info@chimicron.com
www.chimicron.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com