Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LRI2K Datasheet(PDF) 59 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 59 Page - STMicroelectronics

Back Button LRI2K_08 Datasheet HTML 55Page - STMicroelectronics LRI2K_08 Datasheet HTML 56Page - STMicroelectronics LRI2K_08 Datasheet HTML 57Page - STMicroelectronics LRI2K_08 Datasheet HTML 58Page - STMicroelectronics LRI2K_08 Datasheet HTML 59Page - STMicroelectronics LRI2K_08 Datasheet HTML 60Page - STMicroelectronics LRI2K_08 Datasheet HTML 61Page - STMicroelectronics LRI2K_08 Datasheet HTML 62Page - STMicroelectronics LRI2K_08 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 89 page
background image
LRI2K
Commands codes
59/89
20.11
Write DSFID
On receiving the Write DSFID request, the LRI2K writes the DSFID byte value into its
memory. The Option_flag is supported.
During the write cycle tW, there should be no modulation (neither 100% nor 10%).
Otherwise, the LRI2K may not write correctly the DSFID value in memory. The tW time is
equal to t1nom + 18 × 302µs.
Request parameters:
UID (Optional)
DSFID
Response parameter:
No parameter.
Response parameter:
Error code as Error_flag is set:
12h: block is locked
13h: block not programmed
Table 50.
Write DSFID request format
Request
SOF
Request_
flags
Write
DSFID
UID
DSFID
CRC16
Request
EOF
8 bits
29h
64 bits
8 bits
16 bits
Table 51.
Write DSFID response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
8 bits
16 bits
Table 52.
Write DSFID response format when Error_flag is set
Response SOF
Response_
flags
Error code
CRC16
Response EOF
8 bits
8 bits
16 bits
Figure 50.
Write DSFID frame exchange between VCD and LRI2K
VCD
SOF
Write
DSFID
request
EOF
LRI2K
<-t1-> SOF
Write DSFID
response
EOF
Write sequence when
error
LRI2K
<------------ tW ------------><- t1 -> SOF
Write DSFID
response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com