Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LRI2K Datasheet(PDF) 74 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 74 Page - STMicroelectronics

Back Button LRI2K_08 Datasheet HTML 70Page - STMicroelectronics LRI2K_08 Datasheet HTML 71Page - STMicroelectronics LRI2K_08 Datasheet HTML 72Page - STMicroelectronics LRI2K_08 Datasheet HTML 73Page - STMicroelectronics LRI2K_08 Datasheet HTML 74Page - STMicroelectronics LRI2K_08 Datasheet HTML 75Page - STMicroelectronics LRI2K_08 Datasheet HTML 76Page - STMicroelectronics LRI2K_08 Datasheet HTML 77Page - STMicroelectronics LRI2K_08 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 89 page
background image
Commands codes
LRI2K
74/89
20.22
Inventory Initiated
Before receiving the Inventory Initiated command, the LRI2K must have received an Initiate
or a Fast Initiate command in order to set the Initiate_ flag. If not, the LRI2K does not answer
to the Inventory Initiated command.
On receiving the Inventory Initiated request, the LRI2K runs the anticollision sequence. The
Inventory_flag must be set to 1. The Meaning of Flags 5 to 8 is given in Table 13: Request
flags 5 to 8 when bit 3 = 1.
The request contains:
the flags,
the Inventory command code
the AFI if the AFI flag is set
the mask length
the mask value
the CRC
The LRI2K does not generate any answer if an error occurs.
The response contains:
the flags
the Unique ID
During an Inventory process, if the VCD does not receive an RF LRI2K response, it waits a
time t3 before sending an EOF to switch to the next slot. t3 starts from the rising edge of the
request EOF sent by the VCD.
If the VCD sends a 100% modulated EOF, the minimum value of t3 is:
t3min = 4384/fC (323.3 µs) + tSOF
If the VCD sends a 10% modulated EOF, the minimum value of t3 is:
t3min = 4384/fC (323.3 µs) + tNRT
where:
tSOF is the time required by the LRI2K to transmit an SOF to the VCD
tNRT is the nominal response time of the LRI2K
tNRT and tSOF are dependent on the LRI2K-to-VCD data rate and subcarrier modulation
mode.
Table 84.
Inventory Initiated request format
Request
SOF
Request
Flags
Inventory
Initiated
IC Mfg
code
Optiona
l AFI
Mask
length
Mask value
CRC16
Request
EOF
8 bits
D1h
02h
8 bits
8 bits
0 - 64 bits
16 bits
Table 85.
Inventory Initiated response format
Response
SOF
Response
Flags
DSFID
UID
CRC16
Response
EOF
8 bits
00h
64 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com