Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSD211R Datasheet(PDF) 12 Page - STMicroelectronics

Part # PSD211R
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211R Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PSD211R Datasheet HTML 8Page - STMicroelectronics PSD211R Datasheet HTML 9Page - STMicroelectronics PSD211R Datasheet HTML 10Page - STMicroelectronics PSD211R Datasheet HTML 11Page - STMicroelectronics PSD211R Datasheet HTML 12Page - STMicroelectronics PSD211R Datasheet HTML 13Page - STMicroelectronics PSD211R Datasheet HTML 14Page - STMicroelectronics PSD211R Datasheet HTML 15Page - STMicroelectronics PSD211R Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
Port
Configurations
A
I/O or low-order (latched) address lines
B
I/O and/or CS0–CS7
C
A16-A18 or CS8-CS10
PSD211R Family
9
The PSD211R operates in 8-bit address/data mode, enabling it to interface directly to a
variety of 8-bit multiplexed microcontrollers. It works as follows: the address/data bus
(AD0-AD7) is bi-directional and permits the latching of the address when the ALE/AS signal
is active. On the same pins, the data is read from or written to the device, depending on the
state of the control signals (WR, RD, etc.). You should connect your MCU according to the
following figure. Ports A through C can be configured according to Table 3, below.
Your
8-bit
MCU
PSD211R
PA
PB
PC
AD0 -AD7
I /O or A0 - A7
A8 -A15
ALE/AS
PSEN
R/ W or WR
RD/E
A19 / CSI
RESET
A16-A181
I /O or CS0 - CS7
CS8 - CS10
OR
Figure 3. Connecting a PSD211R to an 8-Bit Multiplexed-Bus MCU
8.0
Operating Mode
Table 3. Bus and Port Configuration Options
9.0
Programmable
Address
Decoder (PAD)
NOTE: 1. Connect A16-A18 to Port C if your MCU outputs more than 16 bits of address.
The PSD211R contains two programmable arrays, referred to as PAD A and PAD B
(Figure 4). PAD A is used to generate chip select signals derived from the input address to
the internal EPROM blocks and I/O ports.
PAD B outputs to Ports B and C for off-chip usage. PAD B can also be used to extend the
decoding to select external devices or as a random logic replacement.
PAD A and PAD B receive the same inputs. The PAD logic is configured by PSDsoft based
on the designer’s input. The PAD’s non-volatile configuration is stored in a re-programmable
CMOS EPROM. Windowed packages are available for erasure by the user. See Table 4 for
a list of PAD A and PAD B functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com