Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSD211R Datasheet(PDF) 42 Page - STMicroelectronics

Part # PSD211R
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211R Datasheet(HTML) 42 Page - STMicroelectronics

Back Button PSD211R Datasheet HTML 38Page - STMicroelectronics PSD211R Datasheet HTML 39Page - STMicroelectronics PSD211R Datasheet HTML 40Page - STMicroelectronics PSD211R Datasheet HTML 41Page - STMicroelectronics PSD211R Datasheet HTML 42Page - STMicroelectronics PSD211R Datasheet HTML 43Page - STMicroelectronics PSD211R Datasheet HTML 44Page - STMicroelectronics PSD211R Datasheet HTML 45Page - STMicroelectronics PSD211R Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
PSD211R Family
39
Figure 22A. AC Testing Input/Output Waveform (5 V Versions )
Figure 23A. AC Testing Load Circuit (5 V Versions )
3.0V
0V
TEST POINT
1.5V
DEVICE
UNDER TEST
2.01 V
195
Ω
C
L = 30 pF
(INCLUDING
SCOPE AND JIG
CAPACITANCE)
0.9 VCC
0V
TEST POINT
1.5V
DEVICE
UNDER TEST
2.0 V
400
Ω
C
L = 30 pF
(INCLUDING
SCOPE AND JIG
CAPACITANCE)
Figure 22B. AC Testing Input/Output Waveform (3 V Versions )
Figure 23B. AC Testing Load Circuit (3 V Versions )
18.10.
AC Testing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com