Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

V436632R24VL Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # V436632R24VL
Description  3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436632R24VL Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V436632R24VL Datasheet HTML 1Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 2Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 3Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 4Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 5Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 6Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 7Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 8Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
V436632R24V(L) Rev. 1.0 October 2001
MOSEL VITELIC
V436632R24V(L)
Serial Presence Detect Information
A serial presence detect storage device -
E2PROM - is assembled onto the module. Informa-
tion about the module configuration, speed, etc. is
writtenintothe E2PROM device during module pro-
duction using a serial presence detect protocol (I2C
synchronous 2-wire bus)
SPD Table
Byte Num-
ber
Function Described
SPD Entry Value
Hex Value
-75PC
-75
-10PC
0
Number of SPD bytes
128
80
80
80
1
Total bytes in Serial PD
256
08
08
08
2
Memory Type
SDRAM
040404
3
Number of Row Addresses (without BS bits)
13
0D
0D
0D
4
Number of Column Addresses (for x16
SDRAM)
9
090909
5
Number of DIMM Banks
2
02
02
02
6
Module Data Width
64
40
40
40
7
Module Data Width (continued)
0
00
00
00
8
Module Interface Levels
LVTTL
01
01
01
9
SDRAM Cycle Time at CL=3
7.5 ns/10.0 ns
75
75
A0
10
SDRAM Access Time from Clock at CL=3
5.4 ns/6.0 ns
54
54
60
11
Dimm Config (Error Det/Corr.)
none
00
00
00
12
Refresh Rate/Type
Self-Refresh, 7.8
µs
828282
13
SDRAM width, Primary
x16
101010
14
Error Checking SDRAM Data Width
n/a / x8
00
00
00
15
MinimumClock DelayfromBacktoBackRan-
dom Column Address
tccd = 1 CLK
010101
16
Burst Length Supported
1, 2, 4, 8
0F
0F
0F
17
Number of SDRAM Banks
4
04
04
04
18
Supported CAS Latencies
CL = 3, 2
06
06
06
19
CS Latencies
CS Latency = 0
010101
20
WE Latencies
WL = 0
010101
21
SDRAM DIMM Module Attributes
Non Buffered/Non Reg.
00
00
00
22
SDRAM Device Attributes: General
Vcc tol ± 10%
0E
0E
0E
23
Minimum Clock Cycle Time at CAS Latency =
2
7.5 ns/10.0 ns
75
A0
A0
24
Maximum Data Access Time from Clock for
CL = 2
5.4 ns/6.0 ns
54
60
60
25
Minimum Clock Cycle Time at CL = 1
Not Supported
00
00
00
26
Maximum Data Access Time from Clock at CL
=1
Not Supported
00
00
00
27
Minimum Row Precharge Time
15 ns/20 ns
0F
14
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com