Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

V436632R24VL Datasheet(PDF) 7 Page - Mosel Vitelic, Corp

Part # V436632R24VL
Description  3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436632R24VL Datasheet(HTML) 7 Page - Mosel Vitelic, Corp

Back Button V436632R24VL Datasheet HTML 3Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 4Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 5Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 6Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 7Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 8Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 9Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 10Page - Mosel Vitelic, Corp V436632R24VL Datasheet HTML 11Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MOSEL VITELIC
V436632R24V(L)
7
V436632R24V(L) Rev.1.0 October 2001
Notes:
1.
These parameters depend on the cycle rate and these values are measured by the cycle rate under the minimum value of tCK and tRC. Input
signals are changed one time during tCK.
2.
These parameter depend on output loading. Specified values are obtained with output open.
Operating Currents
TA =0°Cto 70°C, VCC =3.3V ± 0.3V (Recommended operating conditions otherwise noted)
Symbol
Parameter & Test Condition
Max.
Unit
Note
-75PC
/-75
-10PC
ICC1
Operating Current
tRC =tRCMIN.,tCK=tCKMIN.
Active-precharge command cycling,
without Burst Operation
1 bank operation
920
840
mA
7
ICC2P
Precharge Standby Current in Power Down Mode
CS =VIH,CKE≤ VIL(max)
tCK =min.
16
16
mA
7
ICC2PS
tCK = Infinity
8
8
mA
7
ICC2N
Precharge Standby Current in Non-Power Down Mode
CS =VIH,CKE≥ VIL(max)
tCK = min.
180
140
mA
ICC2NS
tCK = Infinity
20
20
mA
ICC3N
No Operating Current
tCK =min,CS =VIH(min)
bank ; active state ( 4 banks)
CKE>= VIH(MIN.)
220
180
mA
ICC3P
CKE <= VIL(MAX.)
(Power down mode)
80
80
mA
ICC4
Burst Operating Current
tCK =min
Read/Write command cycling
600
480
mA
7,8
ICC5
Auto Refresh Current
tCK =min
Auto Refresh command cycling
1920
1760
mA
7
ICC6
Self Refresh Current
Self Refresh Mode, CKE=<0.2V
24
24
mA
L-version
13.6
13.6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com