Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTM8024EY Datasheet(PDF) 5 Page - Analog Devices

Part # LTM8024EY
Description  LTM8024 40V, Dual 3A Step-Down μModule Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024EY Datasheet(HTML) 5 Page - Analog Devices

  LTM8024EY Datasheet HTML 1Page - Analog Devices LTM8024EY Datasheet HTML 2Page - Analog Devices LTM8024EY Datasheet HTML 3Page - Analog Devices LTM8024EY Datasheet HTML 4Page - Analog Devices LTM8024EY Datasheet HTML 5Page - Analog Devices LTM8024EY Datasheet HTML 6Page - Analog Devices LTM8024EY Datasheet HTML 7Page - Analog Devices LTM8024EY Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
DEMO MANUAL DC1868A
Rev. 0
Figure 7. Load Step Transient Test (VIN = 12V, VOUT2 = 3.3V)
QUICK START PROCEDURE
Figure 8. CISPR22 Class B Emissions DC1868A Demo Board Spread Spectrum
On, No EMI Filter, (C20 = 0.1µF, L1, FB1 Short), (C21, C22, C34-C37 Open)
VOUT2
200mV/DIV,
AC-COUPLED
1.75A
LOAD STEP,
1A/DIV
(TOTAL IOUT2 1.75A TO/FROM 3.5A)
Class B Limit
CLASS B LIMIT
FREQUENCY (MHz)
0
200
400
600
800
1000
–10
0
10
20
30
40
50
60
DC1868A F08
5VOUT AT 3A, 3.3VOUT AT 3A
14VIN, fSW = 1MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com