Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTM8024EY Datasheet(PDF) 2 Page - Analog Devices

Part # LTM8024EY
Description  LTM8024 40V, Dual 3A Step-Down μModule Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024EY Datasheet(HTML) 2 Page - Analog Devices

  LTM8024EY Datasheet HTML 1Page - Analog Devices LTM8024EY Datasheet HTML 2Page - Analog Devices LTM8024EY Datasheet HTML 3Page - Analog Devices LTM8024EY Datasheet HTML 4Page - Analog Devices LTM8024EY Datasheet HTML 5Page - Analog Devices LTM8024EY Datasheet HTML 6Page - Analog Devices LTM8024EY Datasheet HTML 7Page - Analog Devices LTM8024EY Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
DEMO MANUAL DC1868A
Rev. 0
QUICK START PROCEDURE
Figure 1. Proper Measurement Equipment Setup
Demonstration circuit 1868A is easy to set up to evaluate
the performance of the LTM8024. Refer to Figure 1 for
the proper measurement equipment setup and follow the
procedure below:
1. With power off, connect the input power supply to VIN1
(7V – 40V) and GND (input return).
2. Connect the 5V output load between VOUT1 and GND
(Initial load: no load); and connect the 3.3V output load
between VOUT2 and GND (Initial load: no load).
3. Connect the DVMs to the input and outputs.
4. Turn on the input power supply and check for the
proper output voltages. VOUT1 should be 5V ± 3%;
VOUT2 should be 3.3V ± 3%.
5. Once the proper output voltages are established, adjust
the loads within the operating range and observe
the output voltage regulation, efficiency and other
parameters.
NOTE: When measuring the output or input voltage
ripple, do not use the long ground lead on the oscil-
loscope probe. See Figure 2 for the proper scope probe
technique. Short, stiff leads need to be soldered to
the (+) and (–) terminals of an output capacitor. The
probe’s ground ring needs to touch the (–) lead and
the probe tip needs to touch the (+) lead.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com