Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L5970D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5970D
Description  Up to 1A step down switching regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5970D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5970D Datasheet HTML 3Page - STMicroelectronics L5970D Datasheet HTML 4Page - STMicroelectronics L5970D Datasheet HTML 5Page - STMicroelectronics L5970D Datasheet HTML 6Page - STMicroelectronics L5970D Datasheet HTML 7Page - STMicroelectronics L5970D Datasheet HTML 8Page - STMicroelectronics L5970D Datasheet HTML 9Page - STMicroelectronics L5970D Datasheet HTML 10Page - STMicroelectronics L5970D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
L5970D
Typical characteristics
7/16
4
Typical characteristics
Figure 3.
Junction temperature vs
output current
Figure 4.
Load regulator
Figure 5.
Junction temperature vs
output current
Figure 6.
Line regulator
Figure 7.
Junction temperature vs
output current
Figure 8.
Output voltage vs junction
temperature
20
30
40
50
60
70
80
90
100
110
120
130
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Io(A)
Tj(°C)
Vo=3.3V
Vo=2.5V
Vo=1.8V
Vcc=5V
Tamb=25°C
3.276
3.28
3.284
3.288
3.292
3.296
3.3
3.304
3.308
3.312
00.5
1
1.5
Io (A)
Vo (V)
Tj = 125°C
Tj = 25°C
Vcc = 12V
Vo = 3.3V
20
30
40
50
60
70
80
90
100
110
120
130
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Io(A)
Tj(°C)
Vo=5V
Vo=2.5V
Vo=3.3V
Vcc=12V
Tamb=25°C
3.276
3.28
3.284
3.288
3.292
3.296
3.3
3.304
3.308
3.312
010
20
30
40
Vcc (V)
Tj =125°C
Tj =25°C
Vcc =12V
Vo=3.3V
Vo(V)
0
20
40
60
80
100
120
140
0.2
0.4
0.6
0.8
1
1.2
1.4
Io(A)
Tj(°C)
Vo=18V
Vo=12V
Vo=5V
Vcc=24V
Tamb=25°C
Tj (°C)
Vcc=12V
1.2
1.21
1.22
1.23
1.24
1.25
-50
0
50
100
150
Vo (V)
Vcc = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com