Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L5970D Datasheet(PDF) 3 Page - STMicroelectronics

Part # L5970D
Description  Up to 1A step down switching regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5970D Datasheet(HTML) 3 Page - STMicroelectronics

  L5970D Datasheet HTML 1Page - STMicroelectronics L5970D Datasheet HTML 2Page - STMicroelectronics L5970D Datasheet HTML 3Page - STMicroelectronics L5970D Datasheet HTML 4Page - STMicroelectronics L5970D Datasheet HTML 5Page - STMicroelectronics L5970D Datasheet HTML 6Page - STMicroelectronics L5970D Datasheet HTML 7Page - STMicroelectronics L5970D Datasheet HTML 8Page - STMicroelectronics L5970D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
L5970D
Pin settings
3/16
1
Pin settings
1.1
Pin connection
Figure 2.
Pin connection (top view)
1.2
Pin description
OUT
SYNC
INH
COMP
1
3
2
4
VCC
VREF
GND
FB
8
7
6
5
D98IN955
Table 1. Pin description
N°
Type
Description
1
OUT
Regulator output.
2
SYNC
Master/slave synchronization.
3INH
A logical signal (active high) disables the device. If INH not used the pin
must be grounded. When it is open an internal pull-up disable the
device.
4
COMP
E/A output for frequency compensation.
5FB
Feedback input. Connecting directly to this pin results in an output
voltage of 1.23V. An external resistive divider is required for higher
output voltages.
6VREF
3.3V VREF. No cap is requested for stability.
7
GND
Ground.
8
VCC
Unregulated DC input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com