Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7448 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7448
Description  6 CHANNEL VOLUME CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7448 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7448 Datasheet HTML 3Page - STMicroelectronics TDA7448 Datasheet HTML 4Page - STMicroelectronics TDA7448 Datasheet HTML 5Page - STMicroelectronics TDA7448 Datasheet HTML 6Page - STMicroelectronics TDA7448 Datasheet HTML 7Page - STMicroelectronics TDA7448 Datasheet HTML 8Page - STMicroelectronics TDA7448 Datasheet HTML 9Page - STMicroelectronics TDA7448 Datasheet HTML 10Page - STMicroelectronics TDA7448 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/14
TDA7448
In Incremental Bus Mode, the three “not used” functions must be addressed in any case. For example to refresh
“ Speaker Attenuation 3 = 0dB and Speaker Attenuation 6 = -40 dB”; the following bytes must be sent:
Table 7.
Table 8. SPEAKER ATTENUATION SELECTION
value = 0 to -79dB and MUTE
SUBADDRESS
XXX10010
SPEAKER ATTENUATION OUT 1
XXXXXXXX
SPEAKER ATTENUATION OUT 2
XXXXXXXX
SPEAKER ATTENUATION OUT 3
00000000
SPEAKER ATTENUATION OUT 4
XXXXXXXX
SPEAKER ATTENUATION OUT 5
XXXXXXXX
SPEAKER ATTENUATION OUT 6
00101111
MSB
LSB
SPEAKER ATTENUATION
D7
D6
D5
D4
D3
D2
D1
D0
000
0dB
001
-1dB
010
-2dB
011
-3dB
100
-4dB
101
-5dB
110
-6dB
111
-7dB
00000
-0dB
00001
-8dB
00010
-16dB
00011
-24dB
00100
-32dB
00101
-40dB
00110
-48dB
00111
-56dB
01
-64dB
10
-72dB
11
MUTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com