Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7448 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7448
Description  6 CHANNEL VOLUME CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7448 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7448 Datasheet HTML 1Page - STMicroelectronics TDA7448 Datasheet HTML 2Page - STMicroelectronics TDA7448 Datasheet HTML 3Page - STMicroelectronics TDA7448 Datasheet HTML 4Page - STMicroelectronics TDA7448 Datasheet HTML 5Page - STMicroelectronics TDA7448 Datasheet HTML 6Page - STMicroelectronics TDA7448 Datasheet HTML 7Page - STMicroelectronics TDA7448 Datasheet HTML 8Page - STMicroelectronics TDA7448 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
TDA7448
June 2004
1
FEATURES
■
6 CHANNEL INPUTS
■
6 CHANNEL OUTPUTS
■
VOLUME ATTENUATION RANGE OF
0 TO -79dB
■
VOLUME CONTROL IN 1.0dB STEPS
■
6 CHANNEL INDEPENDENT CONTROL
■
ALL FUNCTION ARE PROGRAMMABLE VIA
SERIAL BUS
2
DESCRIPTION
The TDA7448 is a 6 channel volume controller for
quality audio applications in Multi-Channels Audio
Systems
Thanks to the used BIPOLAR/CMOS Technology,
Low Distortion, Low Noise and DC stepping are ob-
tained.
6 CHANNEL VOLUME CONTROLLER
Figure 2. Block Diagram
VOLUME
VS
VOLUME
VOLUME
VOLUME
VOLUME
VOLUME
I
2
C BUS
DECODER
SUPPLY
2
IN1
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
SDA
SCL
ADDR
D02AU1396
IN2
IN3
IN4
IN5
IN6
12
9
10
16
5
15
6
14
7
GND
CREF
19
3
18
4
17
11
20
1
50K
50K
50K
50K
50K
50K
Figure 1. Package
Table 1. Order Codes
Part Number
Package
TDA7448
SO-20
TDA744813TR
Tape & Reel
SO-20
REV. 3


Similar Part No. - TDA7448

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7448 STMICROELECTRONICS-TDA7448 Datasheet
353Kb / 13P
6 CHANNEL VOLUME CONTROLLER
Dec-2002
More results

Similar Description - TDA7448

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7448 STMICROELECTRONICS-TDA7448 Datasheet
353Kb / 13P
6 CHANNEL VOLUME CONTROLLER
Dec-2002
logo
Princeton Technology Co...
PT2258 PTC-PT2258 Datasheet
180Kb / 15P
6-Channel Electronic Volume Controller IC
logo
SamHop Microelectronics...
SM7347 SAMHOP-SM7347 Datasheet
218Kb / 15P
6 CHANNELS VOLUME CONTROLLER
logo
fujitsu semiconductor
MB87077 FUJITSU-MB87077 Datasheet
535Kb / 13P
6-bit, 4-channel Electronic Volume Controller
logo
SamHop Microelectronics...
SM7346 SAMHOP-SM7346 Datasheet
302Kb / 18P
6 CHANNELS VOLUME CONTROLLER
SM7346A SAMHOP-SM7346A Datasheet
311Kb / 19P
6 CHANNELS VOLUME CONTROLLER
SM7347A SAMHOP-SM7347A Datasheet
215Kb / 15P
6 CHANNELS VOLUME CONTROLLER
logo
Princeton Technology Co...
PT2258 PTC-PT2258_07 Datasheet
228Kb / 17P
6-Channel Electronic Volume Controller IC
logo
STMicroelectronics
AN1643 STMICROELECTRONICS-AN1643 Datasheet
187Kb / 7P
6 CH VOLUME CONTROLLER
Jan-2003
AN1656 STMICROELECTRONICS-AN1656 Datasheet
184Kb / 6P
6 CH VOLUME CONTROLLER
Feb-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com